Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD800C30L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD800C30L
Description  Standard Recovery Diodes (Hockey PUK Version), 1200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD800C30L Datasheet(HTML) 3 Page - Vishay Siliconix

  SD800C30L Datasheet HTML 1Page - Vishay Siliconix SD800C30L Datasheet HTML 2Page - Vishay Siliconix SD800C30L Datasheet HTML 3Page - Vishay Siliconix SD800C30L Datasheet HTML 4Page - Vishay Siliconix SD800C30L Datasheet HTML 5Page - Vishay Siliconix SD800C30L Datasheet HTML 6Page - Vishay Siliconix SD800C30L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93553
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD800C..L Series
Standard Recovery Diodes
(Hockey PUK Version),
1200 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
30
40
50
60
70
80
90
100
110
120
130
140
150
0
1 00 20 0 30 0 4 0 0 5 0 0 6 0 0 7 00 80 0 90 0
30°
60°
90°
120°
180°
Avera ge Forward Curren t (A)
Co nd uc tio n A ng le
SD800C..L Series (24 00V to 360 0V )
(Single Side Cooled)
R
(DC) = 0.073 K/W
thJ -hs
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
2 0 0
400
6 00
800 1 0 0 0 1 20 0 1 40 0
30°
60 °
90°
180 °
DC
120 °
A v e rag e Fo rw ard C u rre n t ( A )
Cond uc tio n Perio d
S D 800C ..L S e ries ( 2400V to 3600 V )
( S in g le Sid e C o o le d )
R
( D C ) = 0 .0 7 3 K/ W
th J- hs
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
4 00
800
1 200
1600
30°
60°
90 °
120°
180°
Av era ge Forwa rd Cur ren t (A)
Co nd uc tio n Ang le
SD80 0C..L Series (240 0V to 36 00V )
(Double Side Cooled)
R
(D C) = 0.031 K/W
th J -hs
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
4 00
800
1 200
1600
30°
60°
90 °
120°
180°
Av era ge Forwa rd Cur ren t (A)
Co nd uc tio n Ang le
SD80 0C..L Series (240 0V to 36 00V )
(Double Side Cooled)
R
(D C) = 0.031 K/W
th J -hs
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
1 00 2 0 0 3 0 0 4 0 0 5 00 60 0 70 0 8 0 0
30°
60 °
90°
120°
18 0°
Av erag e Forw ard Curr ent (A)
Co nd uc tio n A ng le
(Single Side Cooled )
R
(DC) = 0.073 K/W
thJ -h s
SD800C..L Series (4 000V to 450 0V )
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
2 00
4 0 0
6 00
80 0
1 00 0
1 20 0
30°
60 °
90°
18 0 °
DC
120 °
A v e rag e Fo rw ard C u rre n t ( A )
C o nd uc tion Pe riod
( S in g le Sid e C o o le d )
R
( D C ) = 0 .0 7 3 K / W
thJ -h s
SD 800C ..L S e rie s ( 4 000V t o 4500V )


Similar Part No. - SD800C30L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD800C30L TEL-SD800C30L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD800C30L VISHAY-SD800C30L Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
More results

Similar Description - SD800C30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD800CL VISHAY-VS-SD800CL Datasheet
219Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 04-Apr-14
SD800C24L VISHAY-SD800C24L_12 Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
VS-SD800CL VISHAY-VS-SD800CL_V01 Datasheet
197Kb / 8P
   Standard Recovery Diodes, (Hockey PUK Version), 1200 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com