Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9109 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 6Page - STMicroelectronics TDA9109 Datasheet HTML 7Page - STMicroelectronics TDA9109 Datasheet HTML 8Page - STMicroelectronics TDA9109 Datasheet HTML 9Page - STMicroelectronics TDA9109 Datasheet HTML 10Page - STMicroelectronics TDA9109 Datasheet HTML 11Page - STMicroelectronics TDA9109 Datasheet HTML 12Page - STMicroelectronics TDA9109 Datasheet HTML 13Page - STMicroelectronics TDA9109 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
VERTICAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb = 25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
East/West (E/W) FUNCTION
EWDC
DC Output Voltage with Typ. VPOS, Keystone and
Corner inhibited
Pin 24, see Figure 2
2.5
V
TDEWDC
DC Output Voltage Thermal Drift
See Note 13
100
ppm/C
EWpara
Parabola Amplitude with Max. VAMP, Typ. VPOS,
Keystone and Corner inhibited
Subaddress 0A
Byte 11111111
Byte 11000000
Byte 10000000
1.7
0.85
0
VPP
VPP
VPP
EWtrack
Parabola Amplitude Function of VAMP Control
(tracking between VAMP and E/W) with Typ. VPOS,
Typ. E/W Amplitude, Keystone and Corner inhibited
(see Note 10)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
0.30
0.55
0.85
VPP
VPP
VPP
KeyAdj
Keystone Adjustment Capability with Typ. VPOS,
Corner and E/W inhibited and Max. Vertical
Amplitude (see Note 10 and Figure 4)
Subaddress 09
Byte 1x000000
Byte 1x111111
0.65
0.65
VPP
VPP
KeyTrack
Intrinsic Keystone Function of VPOS Control
(tracking between VPOS and E/W) with Max. E/W
Amplitude,Max. Vertical Amplitude and Corner
inhibited (see Note 13 and Figure 2)
A/B Ratio
B/A Ratio
Subaddress 06
Byte x0000000
Byte x1111111
0.52
0.52
Corner
Corner Amplitude with Max. VAMP, Typ. VPOS,
Keystone and E/W inhibited
Subaddress 0B
Byte 11111111
Byte 11000000
Byte 10000000
1.7
0
-1.7
VPP
VPP
VPP
INTERNAL DYNAMIC HORIZONTAL PHASE CONTROL
SPBpara
Side Pin Balance Parabola Amplitude (Figure 3) with
Max. VAMP, Typ. VPOS and Parallelogram inhibited
(see Notes 10 & 14)
Subaddress 0D
Byte x1111111
Byte x1000000
+1.4
-1.4
%TH
%TH
SPBtrack
Side Pin Balance Parabola Amplitude function of
VAMP Control (tracking between VAMP and SPB)
with Max. SPB, Typ. VPOS and Parallelogram
inhibited (see Notes 10 & 14)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
0.5
0.9
1.4
%TH
%TH
%TH
ParAdj
P a ra ll el o gr am A d ju st m en t C apa bilit y w ith
Max . VAMP, Typ. VPOS and Max. SPB
(see Notes 10 & 14)
Subaddress 0E
Byte x1111111
Byte x1000000
+1.4
-1.4
%TH
%TH
Partrack
Intrinsic Parallelogram Function of VPOS Control
( trac ki ng be tween VPO S and DHPC) with
Max. VAMP, Max. SPB and Parallelogram inhibited
(see Notes 10 & 14)
A/B Ratio
B/A Ratio
Subaddress 06
Byte x0000000
Byte x1111111
0.52
0.52
VERTICAL MOIRE
VMOIRE
Vertical Moiré (measured on VOUT : Pin 23)
Subaddress 0C
Byte 01x11111
6
mV
BREATHING COMPENSATION
BRRANG
DC Breathing Control Range (see Note 15)
V18
1
12
V
BRADj
Vertical Output Variation versus DC Breathing
Control (Pin 23)
V18
≥ VREF-V
V18 = 4V
0
-10
%
%
Notes : 10. With Register 07 at Byte x0xxxxxx (S correction is inhibited) and with Register 08 at Byte x0xxxxxx (C correction is inhibited), the
sawtooth has a linear shape.
13. These parameters are not tested on each unit. They are measured during our internal qualification.
14. TH is the horizontal period.
15. When not used the DC breathing control pin must be connected to 12V.
TDA9109/S
10/30


Similar Part No. - TDA9109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - TDA9109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com