Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD303C16S10C Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SD303C16S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 350 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD303C16S10C Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SD303C16S10C Datasheet HTML 2Page - Vishay Siliconix SD303C16S10C Datasheet HTML 3Page - Vishay Siliconix SD303C16S10C Datasheet HTML 4Page - Vishay Siliconix SD303C16S10C Datasheet HTML 5Page - Vishay Siliconix SD303C16S10C Datasheet HTML 6Page - Vishay Siliconix SD303C16S10C Datasheet HTML 7Page - Vishay Siliconix SD303C16S10C Datasheet HTML 8Page - Vishay Siliconix SD303C16S10C Datasheet HTML 9Page - Vishay Siliconix SD303C16S10C Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93174
6
Revision: 04-Aug-08
SD303C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 350 A
Fig. 12 - Recovery Time Characteristics
Fig. 13 - Recovery Charge Characteristics
Fig. 14 - Recovery Current Characteristics
Fig. 15 - Recovery Time Characteristics
Fig. 16 - Recovery Charge Characteristics
Fig. 17 - Recovery Current Characteristics
1.6
1.8
2
2.2
2.4
2.6
2.8
0
0
1
0
1
R a te Of F a ll Of Fo rwa rd C urre nt - d i/d t (A /µs )
400 A
200 A
I
= 750 A
Sq u a re Pu ls e
FM
SD 303C .. S1 0 C Se rie s
T = 1 2 5 °C , V
= 3 0 V
J
r
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
0
2 0
4 06 08 0
1 0 0
Ra te O f F a ll O f F o rw a rd Cu rrent - d i/d t (A /µs )
40 0 A
20 0 A
I
= 750 A
Sq u a re Puls e
FM
SD 3 0 3 C . .S1 0 C Se rie s
T = 125 °C , V
= 3 0 V
J
r
20
30
40
50
60
70
80
90
10 0
20 30 40 5 0 60 70 80 90 10 0
Ra te O f F a ll O f F o rwa rd Curre n t - d i/d t (A/µs )
400 A
20 0 A
I
= 75 0 A
Sq ua re Puls e
FM
SD 303C . . S10C Se rie s
T = 1 2 5 °C , V
= 3 0 V
r
J
1. 6
2
2. 4
2. 8
3. 2
3. 6
0
0
1
0
1
R a te O f Fa ll O f Fo rw ard C urre nt - di/d t (A /µs)
400 A
20 0 A
I
= 75 0 A
Sq ua re Puls e
FM
SD 3 0 3 C . .S1 5 C Se rie s
T = 1 2 5 °C , V
= 3 0 V
r
J
50
60
70
80
90
100
110
120
130
140
150
160
170
10 20 30 4 0 50 60 70 80 9 0 100
Ra te O f Fa ll O f Fo rw a rd Current - d i/d t (A /µs )
400 A
20 0 A
I
= 75 0 A
Sq ua re Puls e
FM
SD 3 0 3C . .S1 5 C Se rie s
T = 125 ° C , V
= 30V
J
r
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
1 0 20 30 40 50 60 70 80 90 1 0 0
R a te Of F a ll Of F o rw a rd Cu rre nt - d i/d t (A/µs )
400 A
20 0 A
I
= 7 50 A
Sq ua re Pu ls e
FM
SD 3 0 3 C .. S1 5 C Se rie s
T = 12 5 ° C , V
= 30V
J
r


Similar Part No. - SD303C16S10C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD303C16S15 IRF-SD303C16S15 Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C16S15C IRF-SD303C16S15C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD303C16S15C VISHAY-SD303C16S15C Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Similar Description - SD303C16S10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
SD303C04S10C VISHAY-SD303C04S10C_12 Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
VS-SD303CC VISHAY-VS-SD303CC Datasheet
306Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 15-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com