Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD400C12C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD400C12C
Description  Standard Recovery Diodes (Hockey PUK Version), 800 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD400C12C Datasheet(HTML) 2 Page - Vishay Siliconix

  SD400C12C Datasheet HTML 1Page - Vishay Siliconix SD400C12C Datasheet HTML 2Page - Vishay Siliconix SD400C12C Datasheet HTML 3Page - Vishay Siliconix SD400C12C Datasheet HTML 4Page - Vishay Siliconix SD400C12C Datasheet HTML 5Page - Vishay Siliconix SD400C12C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93547
2
Revision: 05-Mar-08
SD400C..C Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 800 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
800 (425)
A
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1435
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
8250
t = 8.3 ms
8640
t = 10 ms
50 % VRRM
reapplied
6940
t = 8.3 ms
7265
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
340
kA2s
t = 8.3 ms
311
t = 10 ms
50 % VRRM
reapplied
241
t = 8.3 ms
220
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
3400
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.80
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.83
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.55
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.53
Maximum forward voltage drop
VFM
Ipk = 1930 A, TJ = TJ maximum, tp = 10 ms sinusoidal wave
1.86
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 190
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.163
K/W
DC operation double side cooled
0.073
Mounting force, ± 10 %
4900 (500)
N (kg)
Approximate weight
70
g
Case style
See dimensions - link on page 5
DO-200AA
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.017
0.018
0.011
0.012
TJ = TJ maximum
K/W
120°
0.020
0.020
0.020
0.020
90°
0.025
0.025
0.027
0.027
60°
0.037
0.036
0.038
0.038
30°
0.064
0.062
0.065
0.062


Similar Part No. - SD400C12C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400C12C VISHAY-SD400C12C Datasheet
144Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
More results

Similar Description - SD400C12C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD400CC VISHAY-VS-SD400CC_V01 Datasheet
187Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 800 A
01-Jan-2022
VS-SD400CC VISHAY-VS-SD400CC Datasheet
203Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 15-Apr-14
SD400C04C VISHAY-SD400C04C_12 Datasheet
144Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com