Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9109N Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA9109N
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA9109N Datasheet HTML 19Page - STMicroelectronics TDA9109N Datasheet HTML 20Page - STMicroelectronics TDA9109N Datasheet HTML 21Page - STMicroelectronics TDA9109N Datasheet HTML 22Page - STMicroelectronics TDA9109N Datasheet HTML 23Page - STMicroelectronics TDA9109N Datasheet HTML 24Page - STMicroelectronics TDA9109N Datasheet HTML 25Page - STMicroelectronics TDA9109N Datasheet HTML 26Page - STMicroelectronics TDA9109N Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
OPERATING DESCRIPTION (continued)
For the E/W part and the dynamic horizontal phase
control part, a sawtooth-shapeddifferential current
in the following form is generated :
DI’ = k’
⋅ (VOUT -VDCMID)
Then
∆I and ∆I’ are added and converted into
voltage for the E/W part.
Each of the two E/W components or the two dy-
namic horizontal phase control ones may be inhib-
ited by their own I
2C select bit.
The E/W parabola is available on Pin 24 via an
emitter follower output stage which has to be bi-
ased by an external resistor (10k
Ω to ground).
Since stable in temperature, the device can be DC
coupled with an external circuitry.
The vertical dynamic focus is combined with the
horizontal focus on Pin 10.
The dynamic horizontal phase control drives inter-
nally the H-position, moving the HFLY position on
the horizontal sawtooth in the range of
± 1.4% TH
both for side pin balance and parallelogram.
EW Output
EW Amp
Keystone
Sidepin Amp
Parallelogram
Dynamic Focus
Sidepin Balance
Output Current
To Horizontal
Phase
V
DCMID (3.5V)
2
Vertical Ramp VOUT
V.Focus
Amp
HORIZONTAL
DYNAMIC FOCUS
Parabola
Generator
V
DCMID
(3.5V)
V
DCMID
(3.5V)
23
24
10
Figure 17 : Geometric Corrections Principle
III.6 - E/W
EWOUT = 2.5V + K1 (VOUT -VDCMID) + K2 (VOUT -VDCMID)
2
K1 is adjustable by the keystone I
2C register
K2 is adjustable by the E/W amplitude I
2C register
III.7 - Dynamic Horizontal Phase Control
IOUT =K3 (VOUT -VDCMID) + K4 (VOUT -VDCMID)
2
K3 is adjustable by the parallelogram I
2C register
K4 is adjustable by the side pin balance I
2C register
TDA9109/N
23/32


Similar Part No. - TDA9109N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - TDA9109N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com