Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9106A Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA9106A Datasheet HTML 21Page - STMicroelectronics TDA9106A Datasheet HTML 22Page - STMicroelectronics TDA9106A Datasheet HTML 23Page - STMicroelectronics TDA9106A Datasheet HTML 24Page - STMicroelectronics TDA9106A Datasheet HTML 25Page - STMicroelectronics TDA9106A Datasheet HTML 26Page - STMicroelectronics TDA9106A Datasheet HTML 27Page - STMicroelectronics TDA9106A Datasheet HTML 28Page - STMicroelectronics TDA9106A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
The E/W parabola is available on Pin 31 by the way
of an emitter follower which has to be biased by an
external resistor (10k
Ω). It can be DC coupledwith
external circuitry.
The output connection of the vertical Dynamic Fo-
cus is the same as the E/W one.
This reverse parabola is available on Pin 32.
Dynamic Horizontal phase control current drives
internally the H-position, moving the Hfly position
on the Horizontal sawtooth in the range
± 2.8% Th
both on SidePin Balance and Parallelogram.
III.2 - EW
EWOUT = 2.5V + K1 (VOUT -VDCOUT)
2
+K2(VOUT -VDCOUT)
+K3(VOUT -VDCOUT)
2 |VOSC -VMID|
+K4(VOUT -VDCOUT)|VOSC -VMID|
VOSC is the ramp Pin 27 and VMID the middle of it,
typically 3.5V
K1 is adjustable by EW amplitude I
2C register
K2 is adjustable by Keystone I
2C register
K3 is adjustable by Cbow Corner I
2C register
K4 is adjustable by Spin Corner I
2C register
III.3 - Dynamic Horizontal Phase Control
IOUT =K5 (VOUT -VDCOUT)
2 +K6 (VOUT -VDCOUT)
K5 is adjustable by SidePin Balance I
2C register
K6 is adjustable by Parallelogram I
2C register
III.4 - Vertical Dynamic Focus
VFOCOUT = 6V - 0.7 (VOUT -VDCOUT)
2
No adjustment is available for this part except by
means of tracking.
III.5 - Vertical Sawtooth Generator
OPERATING DESCRIPTION (continued)
27
31
25
PARABOLA
GENERATOR
OSCILLATOR
38
OSC
CAP
DISCH.
H/HVIN
POLARITY
SAMPLING
SAMP.
CAP
Vlow
Sawth.
Disch.
REF
TRANSCONDUCTANCE
AMPLIFIER
CHARGE CURRENT
29 VERT_OUT
VERT_AMP
SUB05/7bits
VS_AMP
SUB07/6bits
COR_C
SUB08/6bits
S CORRECTION
C CORRECTION
EW_AMP
SUB09/6bits
EW_OUT
EW_CENT
SUB0A/6bits
SPB_AMP
SUB0D/6bits
SPB_OUT
V_FOCUS
32
PARAL
SUB0E/6bits
CORNER
Corner
SUB0B/6bits
Corner Balance
SUB0C/6bits
Internal Signal to PLL2
SYNC
PROCESSOR
33
1
VSYNCIN
S/G
Figure 22 : Vertical Part Block Diagram
TDA9106A
25/30


Similar Part No. - TDA9106A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - TDA9106A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com