Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLF10L30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SBLF10L30
Description  Low VF Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBLF10L30 Datasheet(HTML) 3 Page - Vishay Siliconix

  SBLF10L30 Datasheet HTML 1Page - Vishay Siliconix SBLF10L30 Datasheet HTML 2Page - Vishay Siliconix SBLF10L30 Datasheet HTML 3Page - Vishay Siliconix SBLF10L30 Datasheet HTML 4Page - Vishay Siliconix SBLF10L30 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBL10L30, SBLF10L30, SBLB10L30
Vishay General Semiconductor
Document Number: 88724
Revision: 07-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Junction Capacitance
1
10
100
1000
0.01
0.001
0.1
20
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 75 °C
10
1
100
1000
10 000
100
10
0.1
Reverse Voltage (V)
Figure 5. Typical Transient Thermal Impedance
0.01
10
1
10
100
0.1
0.1
1
t - Pulse Duration (s)


Similar Part No. - SBLF10L30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBLF10L30 VISHAY-SBLF10L30 Datasheet
44Kb / 3P
   Schottky Barrier Rectifier
14-Nov-02
SBLF10L30 VISHAY-SBLF10L30 Datasheet
137Kb / 6P
   Low VF Schottky Barrier Rectifier
Revision: 14-Jun-12
More results

Similar Description - SBLF10L30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com