Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30L40C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M30L40C
Description  Dual Common-Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M30L40C Datasheet(HTML) 2 Page - Vishay Siliconix

  M30L40C Datasheet HTML 1Page - Vishay Siliconix M30L40C Datasheet HTML 2Page - Vishay Siliconix M30L40C Datasheet HTML 3Page - Vishay Siliconix M30L40C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
M30L40C
Vishay General Semiconductor
Document Number: 89012
Revision: 27-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
431
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode (1)
IF = 8 A
IF = 15 A
IF = 30 A
TJ = 25 °C
VF
0.430
0.490
0.595
-
0.55
-
V
IF = 8 A
IF = 15 A
IF = 30 A
TJ = 125 °C
0.331
0.413
0.572
-
0.48
-
Reverse current per diode (2)
VR = 40 V
TJ = 25 °C
TJ = 100 °C
IR
88
12
360
45
µA
mA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
750
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M30L40C
UNIT
Typical thermal resistance per diode
RθJC
2.0
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
M30L40C-E3/4W
2.068
4W
50/tube
Tube
Figure 1. Forward Current Derating Curve
Case Temperature (°C)
30
35
25
20
15
10
5
0
0
25
50
75
100
125
150
Resistive or Inductive Load
Figure 2. Forward Power Loss Characteristics Per Diode
0
0246
8
10
12
14
16
18
1
2
3
4
5
6
7
8
9
Average Forward Current (A)
D = 0.2
D = 0.1
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T


Similar Part No. - M30L40C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M30L40C VISHAY-M30L40C Datasheet
125Kb / 4P
   Dual Common Cathode Schottky Rectifier
08-Feb-17
M30L40C VISHAY-M30L40C_15 Datasheet
128Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 15-Aug-15
M30L40C VISHAY-M30L40C_15 Datasheet
121Kb / 4P
   Dual Common Cathode Schottky Rectifier
Revision: 15-Aug-15
M30L40C VISHAY-M30L40C_V01 Datasheet
125Kb / 4P
   Dual Common Cathode Schottky Rectifier
08-Feb-17
More results

Similar Description - M30L40C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com