Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3H100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SB3H100
Description  High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB3H100 Datasheet(HTML) 1 Page - Vishay Siliconix

  SB3H100 Datasheet HTML 1Page - Vishay Siliconix SB3H100 Datasheet HTML 2Page - Vishay Siliconix SB3H100 Datasheet HTML 3Page - Vishay Siliconix SB3H100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
SB3H90 & SB3H100
Vishay General Semiconductor
Document Number: 88720
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High-Voltage Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Guardring for overvoltage protection
• Low power losses and high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For
use
in
middle
voltage
high
frequency
inverters, freewheeling, dc-to-dc converters, and
polarity protection applications.
MECHANICAL DATA
Case: DO-201AD
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
90 V, 100 V
IFSM
100 A
VF
0.65 V
IR
20 µA
TJ max.
175 °C
DO-201AD
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB3H90
SB3H100
UNIT
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum working reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at TL = 90 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Peak repetitive reverse surge current at tp = 2.0 µs, 1 kHz
IRRM
1.0
A
Critical rate of rise of reverse voltage
dV/dt
10 000
V/µs
Storage temperature range
TSTG
- 55 to + 175
°C
Maximum operating junction temperature
TJ
175
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SB3H90
SB3H100
UNIT
Maximum instantaneous forward
voltage (1)
IF = 3.0 A
IF = 3.0 A
TJ = 25 °C
TJ = 125 °C
VF
0.80
0.65
V
Maximum reverse current
at rated VR
(2)
TJ = 25 °C
TJ = 125 °C
IR
20
4.0
µA
mA


Similar Part No. - SB3H100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB3H100 VISHAY-SB3H100 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB3H100 VISHAY-SB3H100 Datasheet
77Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 19-Aug-11
logo
Shenzhen Taychipst Elec...
SB3H100 TAYCHIPST-SB3H100 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB3H100 VISHAY-SB3H100 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H100 VISHAY-SB3H100 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
More results

Similar Description - SB3H100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10HXX VISHAY-MBR10HXX_15 Datasheet
129Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 28-Jul-15
SB1H90 VISHAY-SB1H90_08 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB5H90 VISHAY-SB5H90_08 Datasheet
96Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
M10HXX VISHAY-M10HXX_15 Datasheet
118Kb / 4P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 20-Jan-15
M10HXX VISHAY-M10HXX Datasheet
135Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 16-Mar-16
logo
Kersemi Electronic Co.,...
MBR20H100CTG KERSEMI-MBR20H100CTG Datasheet
1Mb / 3P
   High Barrier Technology for Improved High Temperature Performance
logo
Vishay Siliconix
M30HXXCT VISHAY-M30HXXCT_15 Datasheet
131Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 22-Jan-15
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
122Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 17-Aug-15
SS2PH9 VISHAY-SS2PH9 Datasheet
104Kb / 4P
   High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
MBR7HXX VISHAY-MBR7HXX Datasheet
140Kb / 5P
   Schottky Barrier Rectifier High Barrier Technology for Improved HighTemperature Performance
Revision: 13-Aug-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com