Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9105A Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9105A Datasheet HTML 11Page - STMicroelectronics TDA9105A Datasheet HTML 12Page - STMicroelectronics TDA9105A Datasheet HTML 13Page - STMicroelectronics TDA9105A Datasheet HTML 14Page - STMicroelectronics TDA9105A Datasheet HTML 15Page - STMicroelectronics TDA9105A Datasheet HTML 16Page - STMicroelectronics TDA9105A Datasheet HTML 17Page - STMicroelectronics TDA9105A Datasheet HTML 18Page - STMicroelectronics TDA9105A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
OPERATING DESCRIPTION (continued)
LOCKDET
2
H-LOCKOUT
13
H-LOCKCAP
COMP1
INPUT
INTERFACE
17
H-SYNC
High
CHARGE
PUMP
Low
PLL
INHIBITION
VCO
14
PLL1INHIB
12
11
10
PLL1F
R0
C0
PHASE
ADJUST
E2
15
H-POS
3.2V
OSC
Figure 11 : Principle Diagram
The dynamic behaviour of the PLL is fixed by an
external filter which integrates the current of the
charge pump. A “CRC” filter is generally used (see
Figure 9).
PLL1 is inhibited by applying a high level on Pin 14
(PLLinhib)which is a TTL compatibleinput. The inhibi-
tion results from the opening of a switch located be-
tween the charge pump and the filter (see Figure 8).
The VCO uses an external RC network. It delivers
a linear sawtooth obtained by charge and dis-
charge of the capacitor, by a current proportionnal
to the current in the resistor. typical thresholds of
sawtooth are 1.6V and 6.4V (see Figure 10).
The control voltage of the VCO is typically com-
prised between 1.6V and 6V (see Figure 10). The
theoreticalfrequencyrange of thisVCO is in the ratio
1
→ 3.75, but due to spread and thermal drift of
external componentsand the circuit itself, the effec-
12
PLL1F
Figure 12
tive frequency range has to be smaller (e.g. 30kHz
→ 85kHz).In the absenceof synchronisationsignal
the control voltageis equal to 1.6V typ. and the VCO
oscillates on its lowest frequency (free frequency).
The synchro frequencyhas to be alwayshigherthan
the free frequencyand a margin has to be taken. As
an example for a synchro range from 30kHz to
85kHz, the suggested free frequency is 27kHz.
11
12
Loop
Filter
R0
1.6V
6.4V
10
C0
6.4V
1.6V
0
0.75T T
RS
FLIP FLOP
(1.6V < V
< 6V)
12
I0
I0
2
4I0
2
Figure 13 : Details of VCO
TDA9105A
15/31


Similar Part No. - TDA9105A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - TDA9105A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com