Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDA9105A Datasheet(PDF) 1 Page - STMicroelectronics

Part No. TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

TDA9105A Datasheet(HTML) 1 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TDA9105A
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
July 1997
PRODUCT PREVIEW
SHRINK42
(Plastic Package)
ORDER CODE : TDA9105A
HORIZONTAL
.
DUAL PLL CONCEPT
.
150kHz MAXIMUM FREQUENCY
.
SELF-ADAPTATIVE
.
X-RAY PROTECTION INPUT
.
DC ADJUSTABLE DUTY-CYCLE
.
1
st PLL LOCK /UNLOCK INFORMATION
.
WIDE RANGE DC CONTROLLED H-POSI-
TION
.
ON/OFF SWITCH (FOR PWR MANAGE-
MENT)
.
TWO H-DRIVE POLARITIES
VERTICAL
.
VERTICAL RAMP GENERATOR
.
50 TO 185Hz AGC LOOP
.
DCCONTROLLEDV-AMP,V-POS,S-AMP& C-COR
.
ON/OFF SWITCH
EWPCC
.
VERTICAL PARABOLA GENERATOR WITH
DC CONTROLLED KEYSTONE & AMPLITUDE
.
AUTO TRACKING WITH V-POS & V-AMP
.
CORNER CORRECTION WITH DC CON-
TROLLED AMPLITUDE
GEOMETRY
.
WAVE FORM GENERATOR FOR PARALEL-
LOGRAM & SIDE PIN BALANCE CONTROL
.
AUTO TRACKING WITH V-POS & V-AMP
DYNAMIC FOCUS
.
VERTICAL PARABOLA OUTPUT FOR VERTI-
CAL DYNAMIC FOCUS
.
AUTO TRACKING WITH V-POS & V-AMP
GENERAL
.
ACCEPT POSITIVE OR NEGATIVE HORI-
ZONTAL & VERTICAL SYNC POLARITIES
.
SEPARATE H & V TTL INPUT
.
COMPOSITE BLANKING OUTPUT
1
2
3
4
5
6
7
8
9
10
11
12
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
24
23
22
V-FOCUS
H-LOCKOUT
PLL2C
H-DUTY
H-FLY
H-GND
H-REF
FC2
FC1
C0
R0
PLL1F
H-LOCKCAP
PLL1INHIB
H-POS
XRAY-IN
H-SYNC
V
CC
GND
H-OUTEM
H-OUTCOL
SPINBAL
KEYBAL
GEOMOUT
EWAMP
KEYST
EWOUT
V-FLY
VDCIN
V-SYNC
V-POS
V-AMP
V-OUT
C-CORR
VS-AMP
V-CAP
V-REF
V-AGCCAP
V-GND
CORNER
BLK-OUT
VDCOUT
PIN CONNECTIONS
DESCRIPTION
The TDA9105A is a monolithic integrated circuit
assembled in a 42 pins shrink dual in line plastic
package.
This IC controls all the functions related to the
horizontal and vertical deflection in multimodes or
multisync monitors.
This IC, combined with TDA9205 (RGB preamp),
STV942x (OSD processor), ST727x(micro control-
ler) and TDA817x (vertical booster), allows to real-
ize very simple and high quality multimodes or
multisync monitors.
This is advance information on a new product now in developme ntor undergoing evaluation . Details are subject to ch ange without notice.
1/31


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn