Electronic Components Datasheet Search |
|
PSD935F2-A-15B81I Datasheet(PDF) 7 Page - STMicroelectronics |
|
PSD935F2-A-15B81I Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 91 page PSD9XX Architectural Overview (cont.) 4.5 ISP via JTAG Port In-System Programming can be performed through the JTAG pins on Port E. This serial interface allows complete programming of the entire PSD935G2 device. A blank device can be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO) can be multiplexed with other functions on Port E. Table 3 indicates the JTAG signals pin assignments. 4.6 In-System Programming (ISP) Using the JTAG signals on Port E, the entire PSD935G2 (memory, logic, configuration) device can be programmed or erased without the use of the microcontroller. Port E Pins JTAG Signal PE0 TMS PE1 TCK PE2 TDI PE3 TDO PE4 TSTAT PE5 TERR Table 3. JTAG Signals on Port E PSD9XX Family PSD935G2 6 4.7 In-Application re-Programming (IAP) The main Flash memory can also be programmed in-system by the microcontroller executing the programming algorithms out of the secondary Flash memory, or SRAM. Since this is a sizable separate block, the application can also continue to operate. The secondary Flash boot memory can be programmed the same way by executing out of the main Flash memory. Table 4 indicates which programming methods can program different functional blocks of the PSD9XX. Device Functional Block JTAG-ISP Programmer IAP Main Flash memory Yes Yes Yes Flash Boot memory Yes Yes Yes PLD Array (DPLD and GPLD) Yes Yes No PSD Configuration Yes Yes No Table 4. Methods of Programming Different Functional Blocks of the PSD935G2 4.8 Page Register The eight-bit Page Register expands the address range of the microcontroller by up to 256 times.The paged address can be used as part of the address space to access external memory and peripherals or internal memory and I/O. The Page Register can also be used to change the address mapping of blocks of Flash memory into different memory spaces for IAP. 4.9 Power Management Unit The Power Management Unit (PMU) in the PSD935G2 gives the user control of the power consumption on selected functional blocks based on system requirements. The PMU includes an Automatic Power Down unit (APD) that will turn off device functions due to microcontroller inactivity. The APD unit has a Power Down Mode that helps reduce power consumption. The PSD935G2 also has some bits that are configured at run-time by the MCU to reduce power consumption of the GPLD. The turbo bit in the PMMR0 register can be turned off and the GPLD will latch its outputs and go to standby until the next transition on its inputs. Additionally, bits in the PMMR2 register can be set by the MCU to block signals from entering the GPLD to reduce power consumption. See section 9.5. |
Similar Part No. - PSD935F2-A-15B81I |
|
Similar Description - PSD935F2-A-15B81I |