Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM18N25-165 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUM18N25-165
Description  N-Channel 250-V (D-S) 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM18N25-165 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUM18N25-165_08 Datasheet HTML 1Page - Vishay Siliconix SUM18N25-165_08 Datasheet HTML 2Page - Vishay Siliconix SUM18N25-165_08 Datasheet HTML 3Page - Vishay Siliconix SUM18N25-165_08 Datasheet HTML 4Page - Vishay Siliconix SUM18N25-165_08 Datasheet HTML 5Page - Vishay Siliconix SUM18N25-165_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 72849
S-80272-Rev. B, 11-Feb-08
www.vishay.com
3
Vishay Siliconix
SUM18N25-165
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
Transconductance
Capacitance
VDS - Drain-to-Source Voltage (V)
0
4
8
12
16
20
04
8
12
16
20
VGS = 10 thru 6 V
4 V
5 V
0
10
20
30
40
50
60
04
8
12
16
20
TC = - 55 °C
25 °C
125 °C
ID - Drain Current (A)
0
700
1400
2100
2800
0
40
80
120
160
200
VDS - Drain-to-Source Voltage (V)
Coss
Ciss
Crss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
VGS - Gate-to-Source Voltage (V)
0
4
8
12
16
20
0
123
456
- 55 °C
TC = 125 °C
25 °C
ID - Drain Current (A)
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
04
8
12
16
20
VGS = 10 V
Qg - Total Gate Charge (nC)
0
4
8
12
16
20
0
8
16
24
32
40
48
56
VDS = 125 V
ID = 17 A


Similar Part No. - SUM18N25-165_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM18N25-165 VISHAY-SUM18N25-165 Datasheet
69Kb / 5P
   N-Channel 250-V (D-S) 175C MOSFET
Rev. A, 15-Mar-04
More results

Similar Description - SUM18N25-165_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM10250E VISHAY-SUM10250E Datasheet
204Kb / 9P
   N-Channel 250 V (D-S) 175 °C MOSFET
Rev. A, 04-Jul-16
SUP10250E VISHAY-SUP10250E Datasheet
170Kb / 8P
   N-Channel 250 V (D-S) 175 °C MOSFET
Rev. A, 04-Jul-16
SUP17N25-165 VISHAY-SUP17N25-165 Datasheet
72Kb / 6P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-07
SUD17N25-165 VISHAY-SUD17N25-165_08 Datasheet
92Kb / 5P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 06-Aug-07
SUM45N25-58 VISHAY-SUM45N25-58_08 Datasheet
98Kb / 6P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. C, 12-Feb-07
logo
DinTek Semiconductor Co...
DTU16N25 DINTEK-DTU16N25 Datasheet
1Mb / 7P
   N-Channel 250-V (D-S) 175 C MOSFET
logo
VBsemi Electronics Co.,...
VBE1252M VBSEMI-VBE1252M Datasheet
594Kb / 7P
   N-Channel 250 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SQM10250E VISHAY-SQM10250E_V02 Datasheet
222Kb / 9P
   Automotive N-Channel 250 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD10950E VISHAY-SQD10950E_V02 Datasheet
303Kb / 8P
   Automotive N-Channel 250 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD07N25-350H VISHAY-SQD07N25-350H_V02 Datasheet
192Kb / 10P
   Automotive N-Channel 250 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com