Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N06-36 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD50N06-36
Description  N-Channel 60-V (D-S), 150 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N06-36 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50N06-36 Datasheet HTML 1Page - Vishay Siliconix SUD50N06-36 Datasheet HTML 2Page - Vishay Siliconix SUD50N06-36 Datasheet HTML 3Page - Vishay Siliconix SUD50N06-36 Datasheet HTML 4Page - Vishay Siliconix SUD50N06-36 Datasheet HTML 5Page - Vishay Siliconix SUD50N06-36 Datasheet HTML 6Page - Vishay Siliconix SUD50N06-36 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 70437
S-72510-Rev. A, 03-Dec-07
Vishay Siliconix
SUD50N06-36
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
55
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
3.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 70 °C
20
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 10 A
0.028
0.036
Ω
VGS = 4.5 V, ID = 8 A
0.033
0.042
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
20
S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
1100
pF
Output Capacitance
Coss
90
Reverse Transfer Capacitance
Crss
55
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 5 A
21
32
nC
VDS = 30 V, VGS = 4.5 V, ID = 5 A
10.5
16
Gate-Source Charge
Qgs
3.5
Gate-Drain Charge
Qgd
4.2
Gate Resistance
Rg
f = 1 MHz
3.3
6.5
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 1 Ω
ID ≅ 30 A, VGEN = 4.5 V, Rg = 1 Ω
18
30
ns
Rise Time
tr
250
400
Turn-Off Delay Time
td(off)
35
55
Fall Time
tf
68
110
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 1 Ω
ID ≅ 30 A, VGEN = 10 V, Rg = 1 Ω
612
Rise Time
tr
918
Turn-Off Delay Time
td(off)
19
30
Fall Time
tf
714
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
20
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 5.5 A
0.85
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5.5 A, di/dt = 100 A/µs, TJ = 25 °C
25
50
ns
Body Diode Reverse Recovery Charge
Qrr
25
50
nC
Reverse Recovery Fall Time
ta
19
ns
Reverse Recovery Rise Time
tb
6


Similar Part No. - SUD50N06-36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N06-07L VISHAY-SUD50N06-07L Datasheet
55Kb / 4P
   N-Channel 60-V (D-S), 175 C MOSFET
Rev. A, 07-Jun-04
SUD50N06-07L VISHAY-SUD50N06-07L Datasheet
197Kb / 4P
   N-Channel 60-V (D-S) 175Celsius MOSFET
Rev. B, 10-Apr-06
SUD50N06-07L-E3 VISHAY-SUD50N06-07L-E3 Datasheet
55Kb / 4P
   N-Channel 60-V (D-S), 175 C MOSFET
Rev. A, 07-Jun-04
logo
VBsemi Electronics Co.,...
SUD50N06-07L-E3 VBSEMI-SUD50N06-07L-E3 Datasheet
888Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SUD50N06-07L-RC VISHAY-SUD50N06-07L-RC Datasheet
99Kb / 3P
   R-C Thermal Model Parameters
Revision: 10-Sep-07
More results

Similar Description - SUD50N06-36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM85N15-19 VISHAY-SUM85N15-19 Datasheet
63Kb / 5P
   N-Channel 150-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUD80460E VISHAY-SUD80460E Datasheet
157Kb / 7P
   N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-16
SUM40N15-38 VISHAY-SUM40N15-38 Datasheet
40Kb / 5P
   N-Channel 150-V (D-S) 175 C MOSFET
Rev. A, 24-Mar-03
SUM85N15-19 VISHAY-SUM85N15-19_V01 Datasheet
75Kb / 6P
   N-Channel 150-V (D-S) 175C MOSFET
18-Jul-08
SIDR578EP VISHAY-SIDR578EP Datasheet
183Kb / 7P
   N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1152N VBSEMI-VBM1152N Datasheet
375Kb / 6P
   N-Channel 150-V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SIJA74DP VISHAY-SIJA74DP Datasheet
242Kb / 10P
   N-Channel 40 V (D-S) 150 °C MOSFET
01-Jan-2022
SUM23N15-73 VISHAY-SUM23N15-73 Datasheet
48Kb / 5P
   N-Channel 150-V (D-S) 175 C MOSFET
Rev. A, 24-Mar-03
SUP28N15-52 VISHAY-SUP28N15-52 Datasheet
49Kb / 4P
   N-Channel 150-V (D-S) 175 C MOSFET
Rev. A, 12-Aug-02
logo
VBsemi Electronics Co.,...
VBM1154N VBSEMI-VBM1154N Datasheet
415Kb / 7P
   N-Channel 150-V (D-S) 175 °C MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com