Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF988 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BF988
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF988 Datasheet(HTML) 3 Page - Vishay Siliconix

  BF988_08 Datasheet HTML 1Page - Vishay Siliconix BF988_08 Datasheet HTML 2Page - Vishay Siliconix BF988_08 Datasheet HTML 3Page - Vishay Siliconix BF988_08 Datasheet HTML 4Page - Vishay Siliconix BF988_08 Datasheet HTML 5Page - Vishay Siliconix BF988_08 Datasheet HTML 6Page - Vishay Siliconix BF988_08 Datasheet HTML 7Page - Vishay Siliconix BF988_08 Datasheet HTML 8Page - Vishay Siliconix BF988_08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BF988
Document Number 85007
Rev. 1.7, 11-Sep-08
Vishay Semiconductors
www.vishay.com
3
Not for new design, this product will be obsoleted soon
Common Emitter S-Parameters
VDS = 8 V, VG2S = 4 V, Z0 = 50 Ω, Tamb = 25 °C, unless otherwise specified
ID/mA
f/MHz
S11
S21
S12
S22
LOG
MAG
ANG
LOG
MAG
ANG
LOG
MAG
ANG
LOG
MAG
ANG
deg
deg
deg
deg
5
100
-0.02
-7.8
6.01
168.4
-56.27
83.0
-0.02
-3.6
200
-0.10
-15.3
5.87
156.3
-50.61
76.6
-0.06
-7.3
300
-0.31
-22.8
5.69
144.2
-47.70
70.9
-0.13
-10.6
400
-0.56
-30.2
5.42
132.9
-46.19
65.6
-0.20
-14.2
500
-0.87
-37.3
5.17
121.5
-45.46
60.6
-0.28
-17.5
600
-1.26
-44.3
4.85
110.6
-45.84
55.4
-0.36
20.5
700
-1.59
-50.9
4.54
100.4
-47.31
58.6
-0.43
-23.8
800
-2.04
-58.0
4.25
90.2
-48.19
63.3
-0.49
-26.8
900
-2.42
-64.4
4.02
80.6
-50.37
81.5
-0.52
-30.2
1000
-2.88
-71.4
3.78
70.8
-49.48
115.6
-0.54
-33.4
1100
-3.39
-78.3
3.42
60.5
47.92
131.7
-0.66
-36.8
1200
-3.94
-85.2
3.21
51.6
-44.65
153.0
-0.66
-40.1
1300
-4.46
-91.8
3.01
42.0
-41.76
159.8
-0.66
-43.9
10
100
-0.02
-8.3
7.84
168.5
-55.67
83.0
-0.04
-3.7
200
-0.11
-16.1
7.70
156.6
-50.01
76.4
-0.09
-7.4
300
-0.35
-24.0
7.49
144.8
-47.20
70.3
-0.16
-10.8
400
-0.62
-31.6
7.21
133.6
-45.60
65.1
-0.23
-14.3
500
-0.97
-39.2
6.93
122.5
-44.88
60.0
-0.31
17.9
600
-1.39
-46.4
6.59
111.9
-45.25
54.5
-0.42
-20.9
700
-1.76
-53.2
6.27
101.9
-46.51
57.4
-0.48
-24.1
800
-2.25
-60.3
5.97
92.1
-47.19
61.4
-0.55
-27.3
900
-2.67
-67.1
5.71
82.8
-49.28
76.0
-0.58
-30.6
1000
-3.16
-74.1
5.46
73.3
-48.99
107.1
-0.60
-33.8
1100
-3.72
-81.1
5.07
63.3
-48.03
123.3
-0.73
-37.2
1200
-4.30
-88.0
4.85
54.6
-45.15
147.6
-0.73
-40.6
1300
-4.87
-94.4
4.63
45.4
-42.46
157.6
-0.73
-44.3
15
100
-0.01
-8.4
8.62
168.6
-55.26
83.0
-0.07
-3.7
200
-0.13
-16.4
8.46
156.8
-49.61
76.3
-0.12
-7.5
3000
-0.37
-24.5
8.26
145.2
-46.70
70.3
-0.20
-11.0
400
-0.66
-32.3
7.96
134.0
-45.10
64.9
-0.27
-14.4
500
-1.02
-39.8
7.66
122.9
-44.38
59.7
-0.36
-18.0
600
-1.47
-47.0
7.33
112.3
-44.65
54.3
-0.47
-20.9
700
-1.85
-54.1
6.98
102.6
-45.72
57.0
-0.53
-24.2
800
-2.36
-61.3
6.68
92.8
-46.29
60.0
-0.61
-27.4
900
-2.80
-67.9
6.42
83.7
-48.18
71.9
-0.64
-30.6
1000
-3.30
-75.0
6.15
74.3
-48.49
98.7
-0.66
-33.9
1100
3.89
-82.0
5.75
64.6
-47.93
114.8
-0.77
-37.3
1200
-4.49
-88.8
5.52
56.0
-45.75
141.2
-0.79
-40.8
1300
-5.06
-95.2
5.30
46.9
-43.05
153.4
-0.79
-44.5


Similar Part No. - BF988_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
More results

Similar Description - BF988_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com