Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8204B Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA8204B
Description  NICAM DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8204B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA8204B Datasheet HTML 2Page - STMicroelectronics TDA8204B Datasheet HTML 3Page - STMicroelectronics TDA8204B Datasheet HTML 4Page - STMicroelectronics TDA8204B Datasheet HTML 5Page - STMicroelectronics TDA8204B Datasheet HTML 6Page - STMicroelectronics TDA8204B Datasheet HTML 7Page - STMicroelectronics TDA8204B Datasheet HTML 8Page - STMicroelectronics TDA8204B Datasheet HTML 9Page - STMicroelectronics TDA8204B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4 - Interchip Bus
A one-line serial bus provides interchip communi-
cations allowing control of all functions through the
single I
2C bus interface.
5 - I
2C Bus
An I
2C bus interface provides access to control and
status registers within the two chips to allow control
of their functions and monitoring of status. A digital
filter is included to improve noise immunity.
5.1 - DATA FLAGS (see Figure 4)
These indicate the status of the descrambled data
on the DDO pin. They are inhibited if the decoder
is out of alignement.
- FID : Frame alignment word (scrambled)
- PDV : Parity Data Valid. CIB0 and CIB1 overwrite
the first 2 bits of FAW
- ADV : 11 additional data bits
- DV : Data valid (mode dependant)
5.2 - DECRYPTION (see Figure 5)
The PRBS generator (used for descrambling) is
normally preset to all ones at the start of each
frame. However, it is possible to preset it to any
value on each frame by means of a code word clock
(CWC) and serial code word data (CWD) interface
on pins SEL0 and SEL1.
CWD, which is clocked in on the negative going
edges of the CWC clock, can be sent anywhere
during the frame except when FID = 1. The CWC
is asynchronous with respect to the Nicam clock
and the CWD will be used on the following frame.
During the time FID = 1, the levels on the SEL0,
SEL1 pins are read for language selection. Code
words for descrambler presetting may be sent in
either an 8-bit or 9-bit formats. There are four
possibilities :
- if 7 or less clock cycles are counted on CW-clock
during a frame, the PRBS generator is preset to
all ones ;
- if 8 clock cycles are counted, 8 bits of CW-data
are clocked into the shift register, the first bit of the
previous transfer now moving to bit 9 position in
the shift register. The resulting value is used to
preset the PRBS generator on the next frame.
- if 9 clock cycles are counted, the CW-data (which
has been clocked into a 9-bit shift register) is used
to preset the PRBS generator on the next frame.
- if 10 or more clock cycles are counted, only the
first 9 bits of the CW-data are used and loaded
into the PRBS generator on the next frame.
CK728
DDO
FID
PDV
ADV
DV Stereo
DV Data
DV Mono
CB0 CB1
C0 C1 C2 C3 C4 AD0
AD10
NICAM DATA 704 BITS
24 CONTROL
704 DATA
EVEN FRAME
ODD FRAME
1 FRAME
NEXT FRAME
FA W
Figure 4 : Data Flags
FID
SEL0
(CWC)
SEL1
(CWD)
Figure 5 : PRBS Presetter
TDA8204B
6/12


Similar Part No. - TDA8204B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
More results

Similar Description - TDA8204B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
   NICAM/A2/EIA-J Digital Stereo Decoder
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV8247 STMICROELECTRONICS-STV8247 Datasheet
2Mb / 149P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
logo
NXP Semiconductors
TDA8732 PHILIPS-TDA8732 Datasheet
96Kb / 14P
   NICAM-728 demodulator NIDEM
April 1993
logo
Toshiba Semiconductor
TB1212N TOSHIBA-TB1212N Datasheet
1Mb / 33P
   SINGLE CHIP NICAM SYSTEM
logo
Freescale Semiconductor...
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
   NICAM/A2/EIA-J
logo
Toshiba Semiconductor
TA2047N TOSHIBA-TA2047N Datasheet
348Kb / 10P
   FILTER IC FOR NICAM
logo
Sony Corporation
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com