Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMY32T2V1-GS18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMY32T2V1-GS18
Description  Power SMD LED PLCC-4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMY32T2V1-GS18 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMY32T2V1-GS18 Datasheet HTML 1Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 2Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 3Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 4Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 5Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 6Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 7Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 8Page - Vishay Siliconix TLMY32T2V1-GS18 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number 81284
Rev. 1.0, 22-Feb-08
Vishay Semiconductors
TLM.32.
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
COLOR CLASSIFICATION
GROUP
YELLOW
SOFT ORANGE
DOM. WAVELENGTH (NM)
MIN.
MAX.
MIN.
MAX.
1
581
584
2
583
586
600
603
3
585
588
602
605
4
587
590
604
607
5
589
592
606
609
6
591
594
608
611
CROSSING TABLE
VISHAY
OSRAM
TLMK32T2V1
LAE67BT2V1
TLMK32U2AA
LAE67BU2AA
TLMK32T2AA
LAE67BT2AA
TLMS32S2U1
LSE67AS2U1
TLMS32T1U2
LSE67AT1U2
TLMS32S2V1
LSE67AS2V1
TLMO32U2AA
LOE67BU2AA
TLMY32T2V1
LYE67BT2V1
TLMY32U2AA
LYE67BU2AA
TLMY32T2AA
LYE67BT2AA
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Rel. Luminous Intensity vs. Angular Displacement
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
18568
T
amb - Ambient Temperature (°C)
R
thJA = 290 K/W
270 K/W
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Relative Intensity vs. Wavelength
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VF - Forward Voltage (V)
17046
yellow
soft orange
red
super red
0.0
0.2
0.4
0.6
0.8
1.0
1.2
570
590
610
630
650
670
λ - Wavelength (nm)
16007
red


Similar Part No. - TLMY32T2V1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMY3200 VISHAY-TLMY3200 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
TLMY3201 VISHAY-TLMY3201 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
TLMY3202 VISHAY-TLMY3202 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
TLMY3203 VISHAY-TLMY3203 Datasheet
258Kb / 14P
   Power SMD LED PLCC-4
Rev. 1.5, 24-Sep-07
More results

Similar Description - TLMY32T2V1-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.1, 20-Jul-07
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com