Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSUS5402 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSUS5402
Description  Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSUS5402 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSUS5402 Datasheet HTML 1Page - Vishay Siliconix TSUS5402 Datasheet HTML 2Page - Vishay Siliconix TSUS5402 Datasheet HTML 3Page - Vishay Siliconix TSUS5402 Datasheet HTML 4Page - Vishay Siliconix TSUS5402 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81056
286
Rev. 1.6, 05-Sep-08
TSUS5400, TSUS5401, TSUS5402
Vishay Semiconductors Infrared Emitting Diode, RoHS Compliant,
950 nm, GaAs
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Forward Voltage vs. Ambient Temperature
Fig. 6 - Radiant Intensity vs. Forward Current
Fig. 7 - Radiant Power vs. Forward Current
Fig. 8 - Relative Radiant Intensity/Power vs. Ambient Temperature
t p - Pulse Duration (ms)
94 7989
100
101
101
10-1
10-1
100
102
10-2
tp/T = 0.01
IFSM = 2.5 A ( Single Pulse )
0.05
0.1
0.5
1.0
94 7996
10 1
10 0
10 2
10 3
10 4
10-1
4
3
2
1
0
VF - Forward Voltage (V)
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
I
F = 10 mA
IF - Forward Current (mA)
94 7997
103
101
102
104
100
1
10
100
1000
TSUS5400
TSUS 5401
TSUS 5402
IF - Forward Current (mA)
94 7998
103
101
102
104
100
0.1
1
10
1000
100
TSUS5400
TSUS 5402
- 10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF = 20 mA
Tamb - Ambient Temperature (°C)


Similar Part No. - TSUS5402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS5402 VISHAY-TSUS5402 Datasheet
86Kb / 6P
   GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
Rev. 2, 20-May-99
TSUS5402 VISHAY-TSUS5402 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 25-Jun-09
TSUS5402 VISHAY-TSUS5402 Datasheet
111Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 24-Aug-11
TSUS5402 VISHAY-TSUS5402 Datasheet
118Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
TSUS5402 VISHAY-TSUS5402_V01 Datasheet
118Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
More results

Similar Description - TSUS5402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4400 VISHAY-TSUS4400_08 Datasheet
108Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
VSMS3700 VISHAY-VSMS3700 Datasheet
140Kb / 7P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.2, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V02 Datasheet
142Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_V02 Datasheet
97Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_11 Datasheet
95Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 16-May-11
CQY37N VISHAY-CQY37N_08 Datasheet
293Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_08 Datasheet
149Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V01 Datasheet
143Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
TSTS7300 VISHAY-TSTS7300_V02 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
TSTS7500 VISHAY-TSTS7500_08 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com