Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSKS5400S Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSKS5400S
Description  Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSKS5400S Datasheet(HTML) 6 Page - Vishay Siliconix

  TSKS5400S Datasheet HTML 1Page - Vishay Siliconix TSKS5400S Datasheet HTML 2Page - Vishay Siliconix TSKS5400S Datasheet HTML 3Page - Vishay Siliconix TSKS5400S Datasheet HTML 4Page - Vishay Siliconix TSKS5400S Datasheet HTML 5Page - Vishay Siliconix TSKS5400S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - TSKS5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSKS5400S VISHAY-TSKS5400S Datasheet
107Kb / 6P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 1, 30-Apr-02
TSKS5400S VISHAY-TSKS5400S Datasheet
109Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 03-Sep-13
TSKS5400S VISHAY-TSKS5400S Datasheet
110Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSKS5400S-ASZ VISHAY-TSKS5400S-ASZ Datasheet
107Kb / 6P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 1, 30-Apr-02
TSKS5400S VISHAY-TSKS5400S_13 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 03-Sep-13
More results

Similar Description - TSKS5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4400 VISHAY-TSUS4400_08 Datasheet
108Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
TSUS5400 VISHAY-TSUS5400_08 Datasheet
110Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
VSMS3700 VISHAY-VSMS3700 Datasheet
140Kb / 7P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.2, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V02 Datasheet
142Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_V02 Datasheet
97Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_11 Datasheet
95Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 16-May-11
CQY37N VISHAY-CQY37N_08 Datasheet
293Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_08 Datasheet
149Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V01 Datasheet
143Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
TSTS7300 VISHAY-TSTS7300_V02 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
TSTS7500 VISHAY-TSTS7500_08 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com