Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCA12E080683100R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCA12E080683100R
Description  Thick Film Array, Resistor/Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCA12E080683100R Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCA12E080683100R Datasheet HTML 1Page - Vishay Siliconix CRCA12E080683100R Datasheet HTML 2Page - Vishay Siliconix CRCA12E080683100R Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Array, Resistor/Capacitor
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31044
280
Revision: 15-Jan-07
CRCA
Vishay Dale
FEATURES
Single component reduces board space and
component counts
• Choice of dielectric characteristics X7R or Y5U
• Wrap around termination
• Thick film R/C element
• Inner electrode protection
• Flow & Reflow solderable
• Automatic placement capability, standard size
• 8 or 10 pin configurations
Notes
• Ask about extended value ranges
• Packaging: according to EIA 481
• Power rating depends on the max. temperature at the solder point,
the component placement density and the substrate material
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
RESISTOR
CAPACITOR
POWER RATING
P70 °C
W
TEMPERATURE
COEFFICIENT
ppm/°C
TOLERANCE
%
VALUE
RANGE
Ω
DIELECTRIC
TEMPERATURE
COEFFICIENT
%
TOLERANCE
%
VOLTAGE
RATING
VDC
VALUE
RANGE
pF
CRCA12E
CRCA12S
0.125
200
5
10R - 1M0
X7R
± 15
20
50
10 - 270
CRCA12E
CRCA12S
0.125
200
5
10R - 1M0
Y5U
+ 20, - 56
20
50
270 - 1800
RESISTOR
• Operating Temperature Range: X7R - 55 °C to + 125 °C
• Technology: Thick Film
CAPACITOR
• Operating Temperature Range: X7R - 55 °C to + 125 °C
Y5U - 30 °C to + 85 °C
• Maximum Dissipation Factor: 2.5 %
• Dielectric Withstanding Voltage: 125 V
dc , 5 sec, 50 mA Charge
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR
X7R CAPACITOR
Y5U CAPACITOR
Rated Dissipation at 70 °C
(CECC 40401 I EIA 575)
W
0.125
--
Capacitor Voltage Rating
V
-
50
50
Dielectric Withstanding
Voltage (5 sec, 50 mA Charge)
Vdc
-
125
125
Category Temperature Range
°C
- 55/+ 155
- 55/+ 125
- 30/+ 85
Insulation Resistance
Ω
> 1010
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CRCA12E081472220R (preferred part numbering format)
Historical Part Number example: CRCA12E0801472J220MRB8 (will continue to be accepted)
SPECIAL
(Dash Number)
(up to 1 digit)
Blank = Standard
CAPACITANCE
VALUE
2 digit significant
figures, followed by
multiplier
100 = 10 pF
271 = 270 pF
182 = 1800 pF
(Tolerance = ± 20 %)
SCHEMATIC
1 = 01
2 = 02
3 = 03
0 = Special
RESISTANCE
VALUE
2 digit significant
figures, followed by
a multiplier
100 = 10
Ω
683 = 68 k
Ω
105 = 1.0 M
Ω
(Tolerance = ± 5 %)
PACKAGING
E = Lead (Pb)-free, T/R (2000 pcs)
R = Tin/Lead, T/R (2000 pcs)
CRCA
1
2
E
0
8
1
4
7
2
2
2
0
R
MODEL
CRCA12E
CRCA12S
PIN COUNT
08 = 8 Pin
10 = 10 Pin
220
CAPACITANCE
VALUE
RB8
PACKAGING
M
TOLERANCE
J
TOLERANCE
472
RESISTANCE
VALUE
01
SCHEMATIC
CRCA12E
MODEL
08
PIN COUNT


Similar Part No. - CRCA12E080683100R

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
CRC-1 POWERDYNAMICS-CRC-1 Datasheet
45Kb / 1P
   IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
logo
MERITEK ELECTRONICS COR...
CRC10102M103J88 MERITEK-CRC10102M103J88 Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
NXP Semiconductors
CRC12062400FKEA NXP-CRC12062400FKEA Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
List of Unclassifed Man...
CRC32C1 ETC2-CRC32C1 Datasheet
36Kb / 1P
   HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CRC32C1 CALIBER-CRC32C1 Datasheet
41Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results

Similar Description - CRCA12E080683100R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P Datasheet
196Kb / 4P
   Thick Film Resistor Array
Revision 25-Jul-05
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com