Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSAL4400 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSAL4400
Description  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL4400 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSAL4400 Datasheet HTML 1Page - Vishay Siliconix TSAL4400 Datasheet HTML 2Page - Vishay Siliconix TSAL4400 Datasheet HTML 3Page - Vishay Siliconix TSAL4400 Datasheet HTML 4Page - Vishay Siliconix TSAL4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 81006
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.6, 16-Sep-08
89
TSAL4400
High Power Infrared Emitting Diode, RoHS
Compliant, 940 nm, GaAlAs/GaAs
Vishay Semiconductors
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
0.4
0.2
0
0.2
0.4
0.6
14328
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
2.9 ± 0.1
0.4
+ 0.15
- 0.05
0.6 ± 0.15
2.54 nom.
Drawing-No.: 6.544-5255.01-4
Issue: 6; 24.07.08
specifications
according to DIN
technical drawings
A
C
Area not plane
R 1.4 (sphere)
95 10913


Similar Part No. - TSAL4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
TSAL4400 VISHAY-TSAL4400 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.9, 03-Nov-16
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL4400-RSZ VISHAY-TSAL4400-RSZ Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Similar Description - TSAL4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300_08 Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL6200 VISHAY-TSAL6200_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7400 VISHAY-TSAL7400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Aug-08
TSAL6100 VISHAY-TSAL6100_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
VSML3710 VISHAY-VSML3710_08 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.3, 04-Sep-08
TSAL7600 VISHAY-TSAL7600_08 Datasheet
120Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSML1000 VISHAY-TSML1000_11 Datasheet
199Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.0, 30-Jun-11
TSML1030 VISHAY-TSML1030 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com