Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEKT5400S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TEKT5400S
Description  Silicon NPN Phototransistor, RoHS Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEKT5400S Datasheet(HTML) 3 Page - Vishay Siliconix

  TEKT5400S Datasheet HTML 1Page - Vishay Siliconix TEKT5400S Datasheet HTML 2Page - Vishay Siliconix TEKT5400S Datasheet HTML 3Page - Vishay Siliconix TEKT5400S Datasheet HTML 4Page - Vishay Siliconix TEKT5400S Datasheet HTML 5Page - Vishay Siliconix TEKT5400S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 81569
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com
Rev. 1.5, 08-Sep-08
433
TEKT5400S
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
Fig. 4 - Collector Light Current vs. Irradiance
Fig. 5 - Collector Light Current vs. Collector Emitter Voltage
Fig. 6 - Collector Emitter Capacitance vs. Collector Emitter Voltage
Fig. 7 - Turn-on/Turn-off Time vs. Collector Current
Fig. 8 - Relative Spectral Sensitivity vs. Wavelength
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
0.01
0.1
1
0.01
0.1
1
10
Ee - Irradiance (mW/cm )
2
10
16707
VCE =5 V
λ = 950 nm
TEKT5400S
0.1
1
10
0.1
1
10
VCE - Collector Ermitter Voltage (V)
100
16718
Ee =1mW/cm2
λ =950 nm
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.1
1
10
0
4
8
12
16
20
V
CE - Collector Ermitter Voltage (V)
100
94 8247
f = 1 MHz
16
12
8
4
0
94 8253
0
2
4
6
8
12
I
C - Collector Current (mA)
10
V
CE = 5 V
R
L = 100 Ω
λ = 950 nm
t
off
t
on
700
800
900
1000
1100
94 8270
0
0.2
0.4
0.6
0.8
1.0
λ - Wavelength (nm)
16732
0.4
0.2
0
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7


Similar Part No. - TEKT5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
TEKT5400S VISHAY-TEKT5400S Datasheet
155Kb / 6P
   Silicon NPN Phototransistor
Rev. 1.6, 23-Aug-11
TEKT5400S VISHAY-TEKT5400S Datasheet
153Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2022
TEKT5400S VISHAY-TEKT5400S Datasheet
153Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2023
TEKT5400S-ASZ VISHAY-TEKT5400S-ASZ Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
More results

Similar Description - TEKT5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT3700 VISHAY-TEMT3700_08 Datasheet
136Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.7, 10-Oct-08
VEMT4700 VISHAY-VEMT4700 Datasheet
143Kb / 7P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.3, 04-Sep-08
TEST2600 VISHAY-TEST2600_V02 Datasheet
97Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
VEMT3700F VISHAY-VEMT3700F Datasheet
139Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 04-Sep-08
TEFT4300 VISHAY-TEFT4300_08 Datasheet
110Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 16-Sep-08
TEST2600 VISHAY-TEST2600_08 Datasheet
105Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW77NA VISHAY-BPW77NA_V02 Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
TEMT1000 VISHAY-TEMT1000_V01 Datasheet
197Kb / 9P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW77NA VISHAY-BPW77NA_V01 Datasheet
140Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
VEMT3700 VISHAY-VEMT3700 Datasheet
139Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com