Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TE_TD Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. TE_TD
Description  Filter Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TE_TD Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TE and TD
Vishay Dale
Filter Inductors, Toroid
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34078
60
Revision: 02-Jun-06
PERFORMANCE GRAPHS: TYPICAL Q VS FREQUENCY
TE-5, TD-5
MARKING
- Vishay Dale
- Model
- Q type
- TC code
- Inductance value
- Inductance tolerance
- Date code
FREQUENCY - kHz
1
10
100
1000
Q0
100
1000
1
mH
10
mH
100
mH
10
Q3
100
1000
5
mH
2
H
10
100
mH
0.1
1
10
100
FREQUENCY - kHz
330
mH
Q4
FREQUENCY - kHz
1
H
100
mH
10
mH
20
H
10
100
1000
0.1
1
10
100


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
7191ADSL Filter Inductors 1 Filtran LTD
D01-1000-00-XXRadial Lead Filter Inductors 1 ice Components, Ins.
CDRH127BPOWER INDUCTORS 1 2 Sumida Corporation
IHM-2_06Filter Inductors 1 2 Vishay Siliconix
IHVFilter Inductors High Current 1 2 3 Vishay Siliconix
BX8153ADSL FREQUENCY FILTER INDUCTORS 1 2 Pulse A Technitrol Company
TDPXRack and Panel Filter Connectors 1 2 3 4 5 MoreITT Industries
NUF4210MNLow Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package 1 2 3 4 ON Semiconductor
EPE6355GLow Pass Filter for Cable Modem Applications 1 PCA ELECTRONICS INC.
6123POWER LINE FILTER 28VDC 100A 1 Filtran LTD

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn