Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCET1110G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCET1110G
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1110G Datasheet(HTML) 3 Page - Vishay Siliconix

  TCET1110G Datasheet HTML 1Page - Vishay Siliconix TCET1110G Datasheet HTML 2Page - Vishay Siliconix TCET1110G Datasheet HTML 3Page - Vishay Siliconix TCET1110G Datasheet HTML 4Page - Vishay Siliconix TCET1110G Datasheet HTML 5Page - Vishay Siliconix TCET1110G Datasheet HTML 6Page - Vishay Siliconix TCET1110G Datasheet HTML 7Page - Vishay Siliconix TCET1110G Datasheet HTML 8Page - Vishay Siliconix TCET1110G Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 83546
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 21-Nov-07
3
TCET1110/TCET1110G
Optocoupler, Phototransistor Output,
High Temperature, 110 °C Rated
Vishay Semiconductors
Notes
(1) The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the
temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of
PCB, layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay's Thermal
Characteristics of optocouplers application note.
(2) For 2 layer FR4 board (4" x 3" x 0.062)
THERMAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
LED power dissipation
at 25 °C
Pdiss
100
mW
Output power dissipation
at 25 °C
Pdiss
150
mW
Maximum LED junction temperature
Tjmax
125
°C
Maximum output die junction temperature
Tjmax
125
°C
Thermal resistance, junction emitter to board
θ
EB
173
°C/W
Thermal resistance, junction emitter to case
θ
EC
149
°C/W
Thermal resistance, junction detector to board
θ
DB
111
°C/W
Thermal resistance, junction detector to case
θ
DC
127
°C/W
Thermal resistance, junction emitter to junction detector
θ
ED
173
°C/W
Thermal resistance, board to ambient(2)
θ
BA
197
°C/W
Thermal resistance, case to ambient(2)
θ
CA
4041
°C/W
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package


Similar Part No. - TCET1110G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110G VISHAY-TCET1110G Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results

Similar Description - TCET1110G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com