Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCRT5000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCRT5000
Description  Reflective Optical Sensor with Transistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT5000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCRT5000 Datasheet HTML 1Page - Vishay Siliconix TCRT5000 Datasheet HTML 2Page - Vishay Siliconix TCRT5000 Datasheet HTML 3Page - Vishay Siliconix TCRT5000 Datasheet HTML 4Page - Vishay Siliconix TCRT5000 Datasheet HTML 5Page - Vishay Siliconix TCRT5000 Datasheet HTML 6Page - Vishay Siliconix TCRT5000 Datasheet HTML 7Page - Vishay Siliconix TCRT5000 Datasheet HTML 8Page - Vishay Siliconix TCRT5000 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCRT5000(L)
Document Number 83760
Rev. 1.6, 04-Sep-06
Vishay Semiconductors
www.vishay.com
1
19156
C
C
A
E
Top view
TCRT5000
TCRT5000L
Reflective Optical Sensor with Transistor Output
Description
The TCRT5000 and TCRT500L are reflective sensors
which include an infrared emitter and phototransistor
in a leaded package which blocks visible light. The
package includes two mounting clips. TCRT5000L is
the long lead version.
Features
• Package type: Leaded
• Detector type: Phototransistor
• Dimensions:
L 10.2 mm x W 5.8 mm x H 7.0 mm
• Peak operating distance: 2.5 mm
• Operating range: 0.2 mm to 15 mm
• Typical output current under test: IC = 1 mA
• Daylight blocking filter
• Emitter wavelength 950 nm
• Lead (Pb)-free soldering released
• Lead (Pb)-free component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• Position sensor for shaft encoder
• Detection of reflective material such as paper, IBM
cards, magnetic tapes etc.
• Limit switch for mechanical motions in VCR
• General purpose - wherever the space is limited
Order Instructions
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Input (Emitter)
Part Number
Remarks
Minimum Order Quantity
TCRT5000
3.5 mm lead length
4500 pcs, 50 pcs/tube
TCRT5000L
15 mm lead length
2400 pcs, 48 pcs/tube
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C
e2


Similar Part No. - TCRT5000

ManufacturerPart #DatasheetDescription
Vishay Siliconix
Vishay Siliconix
TCRT5000 VISHAY-TCRT5000 Datasheet
436Kb / 8P
   Reflective Optical Sensor with Transistor Output
Rev. A4, 03-Jul-00
TCRT5000 VISHAY-TCRT5000 Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCRT5000 VISHAY-TCRT5000 Datasheet
313Kb / 12P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCRT5000 VISHAY-TCRT5000 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCRT5000 VISHAY-TCRT5000 Datasheet
312Kb / 12P
   Reflective Optical Sensor with Transistor Output
01-Jan-2022
More results

Similar Description - TCRT5000

ManufacturerPart #DatasheetDescription
Vishay Siliconix
Vishay Siliconix
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
   Reflective Optical Sensor with Transistor Output
Rev. 1.2, 17-Aug-12
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
   Reflective Optical Sensor with Transistor Output
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. A3, 27-May-99
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. A4, 05-Apr-00
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
TCRT5000 VISHAY-TCRT5000 Datasheet
436Kb / 8P
   Reflective Optical Sensor with Transistor Output
Rev. A4, 03-Jul-00
TCRT1000 VISHAY-TCRT1000_09 Datasheet
261Kb / 10P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
CNY70 VISHAY-CNY70_09 Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com