Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCET2600 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. TCET2600
Description  Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET2600 Datasheet(HTML) 6 Page - Vishay Siliconix

  TCET2600_07 Datasheet HTML 1Page - Vishay Siliconix TCET2600_07 Datasheet HTML 2Page - Vishay Siliconix TCET2600_07 Datasheet HTML 3Page - Vishay Siliconix TCET2600_07 Datasheet HTML 4Page - Vishay Siliconix TCET2600_07 Datasheet HTML 5Page - Vishay Siliconix TCET2600_07 Datasheet HTML 6Page - Vishay Siliconix TCET2600_07 Datasheet HTML 7Page - Vishay Siliconix TCET2600_07 Datasheet HTML 8Page - Vishay Siliconix TCET2600_07 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83726
6
Rev. 1.5, 07-Dec-07
TCET2600/TCET4600
Vishay Semiconductors
Optocoupler, Phototransistor Output,
AC Input (Dual, Quad Channel)
Fig. 12 - Collector Emitter Saturation Voltage vs. Collector Current
Fig. 13 - Current Transfer Ratio vs. Forward Current
Fig. 14 - Turn-on/off Time vs. Forward Current
Fig. 15 - Turn-on/off Time vs. Collector Current
110
0
0.2
0.4
0.6
0.8
1.0
I
C - Collector Current (mA)
100
CTR = 50 %
used
20 % used
95 11028
10 % used
0.1
1
10
1
10
100
1000
I
F - Forward Current (mA)
100
95 11029
V
CE = 5 V
010
15
0
10
20
30
40
50
I
F - Forward Current (mA)
20
95 11031
Saturated Operation
V
S = 5 V
R
L = 1 kΩ
t
off
t
on
5
04
0
2
4
6
8
10
I
C - Collector Current (mA)
8
95 11030
Non-Saturated
Operation
V
S = 5 V
R
L = 100 Ω
t
off
t
on
6
2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn