Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCET2600 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. TCET2600
Description  Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET2600 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCET2600_07 Datasheet HTML 1Page - Vishay Siliconix TCET2600_07 Datasheet HTML 2Page - Vishay Siliconix TCET2600_07 Datasheet HTML 3Page - Vishay Siliconix TCET2600_07 Datasheet HTML 4Page - Vishay Siliconix TCET2600_07 Datasheet HTML 5Page - Vishay Siliconix TCET2600_07 Datasheet HTML 6Page - Vishay Siliconix TCET2600_07 Datasheet HTML 7Page - Vishay Siliconix TCET2600_07 Datasheet HTML 8Page - Vishay Siliconix TCET2600_07 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 83726
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-Dec-07
5
TCET2600/TCET4600
Optocoupler, Phototransistor Output,
AC Input (Dual, Quad Channel)
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 6 - Total Power Dissipation vs. Ambient Temperature
Fig. 7 - Forward Current vs. Forward Voltage
Fig. 8 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 9 - Collector Dark Current vs. Ambient Temperature
Fig. 10 - Collector Current vs. Forward Current
Fig. 11 - Collector Current vs. Collector Emitter Voltage
0
50
100
150
200
250
300
040
80120
T
amb - Ambient Temperature (°C)
96 11700
Coupled device
Phototransistor
IR-diode
0.1
1
10
100
1000
0
V
F - Forward Voltage (V)
96 11862
1.6
0.2
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.8
- 25
0
25
50
0
0.5
1.0
1.5
2.0
95 11025
75
T
amb - Ambient Temperature (°C)
V
CE = 5 V
I
F = 5 mA
025
50
75
1
10
100
1000
10000
100
95 11026
V
CE = 20 V
I
F = 0
T
amb - Ambient Temperature (°C)
0.1
1
10
0.01
0.1
1
100
I
F - Forward Current (mA)
100
95 11027
10
V
CE = 5 V
0.1
1
10
0.1
1
10
100
V
CE - Collector Emitter Voltage (V)
100
95 10985
I
F = 50 mA
5 mA
2 mA
1 mA
20 mA
10 mA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn