Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCED4100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCED4100
Description  Optocoupler, Photodarlington Output, Dual Channel, High Gain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCED4100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCED4100 Datasheet HTML 1Page - Vishay Siliconix TCED4100 Datasheet HTML 2Page - Vishay Siliconix TCED4100 Datasheet HTML 3Page - Vishay Siliconix TCED4100 Datasheet HTML 4Page - Vishay Siliconix TCED4100 Datasheet HTML 5Page - Vishay Siliconix TCED4100 Datasheet HTML 6Page - Vishay Siliconix TCED4100 Datasheet HTML 7Page - Vishay Siliconix TCED4100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 83728
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 16-May-08
805
TCED2100/TCED4100
Optocoupler, Photodarlington Output,
Dual Channel, High Gain
Vishay Semiconductors
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to wave profile for soldering conditions for throught hole devices.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
35
V
Emitter collector voltage
VECO
7V
Collector current
IC
80
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
COUPLER
Isolation test voltage (RMS)
t = 1 min
VISO
5000
VRMS
Total power dissipation
Ptot
250
mW
Operating ambient temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature (2)
2 mm from case, t
≤ 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.15
1.4
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
32
V
Emitter collector voltage
IE = 100 µA
VECO
7V
Collector ermitter cut-off current
VCE = 10 V, If = 0 A, E = 0
ICEO
15
100
nA
COUPLER
Collector emitter saturation voltage
IF = 20 mA, IC = 5 mA
VCEsat
1V
Cut-off frequency
VCE = 5 V, IF = 10 mA, RL = 100 Ω
fc
10
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 2 V, IF = 1 mA
CTR
600
800
%


Similar Part No. - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED4100 VISHAY-TCED4100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
TCED4100 VISHAY-TCED4100 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
More results

Similar Description - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
Rev. 1.4, 26-Oct-04
ILD755 VISHAY-ILD755 Datasheet
142Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
01-Jan-2022
IL755 VISHAY-IL755_V01 Datasheet
142Kb / 7P
   Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com