Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP58156 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP58156
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP58156 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP58156 Datasheet HTML 1Page - Vishay Siliconix TSOP58156 Datasheet HTML 2Page - Vishay Siliconix TSOP58156 Datasheet HTML 3Page - Vishay Siliconix TSOP58156 Datasheet HTML 4Page - Vishay Siliconix TSOP58156 Datasheet HTML 5Page - Vishay Siliconix TSOP58156 Datasheet HTML 6Page - Vishay Siliconix TSOP58156 Datasheet HTML 7Page - Vishay Siliconix TSOP58156 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IR Receiver Modules for Remote Control Systems
www.vishay.com
Document Number: 81398
134
Rev. 1.3, 18-Jul-08
New TSOP581..
Vishay Semiconductors
MECHANICAL DATA
Pinning
1 = OUT, 2 = GND, 3 = VS
FEATURES
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.7 V to 5.5 V
• Suitable for short bursts: burst length
≥ 6 carrier cycles
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
DESCRIPTION
The TSOP581.. series are miniaturized receivers for infrared
remote control systems. A PIN diode and a preamplifier are
assembled on a lead frame, the epoxy package acts as an IR
filter.
The demodulated output signal can directly be decoded by a
microprocessor. The main benefit of the TSOP581.. is the
compatibility to all IR remote control data formats.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
19026
e3
PARTS TABLE
CARRIER FREQUENCY
SHORT BURSTS AND HIGH DATA RATES (AGC1)
30 kHz
TSOP58130
33 kHz
TSOP58133
36 kHz
TSOP58136
38 kHz
TSOP58138
40 kHz
TSOP58140
56 kHz
TSOP58156
33 k
Ω
2
3
1
V
S
OUT
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833_5
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_7
OUT
The external components R1 and C1 are optional
to improve the robustnes against electrical overstress
(typical values are R1 = 100 Ω, C1 = 0.1 µF).
The output voltage V
O should not be pulled down to a level
below 1 V by the external circuit.
The capacitive load at the output should be less than 2 nF.


Similar Part No. - TSOP58156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP58156 VISHAY-TSOP58156 Datasheet
141Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 23-Feb-11
More results

Similar Description - TSOP58156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com