Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX384B9V1-V Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BZX384B9V1-V
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384B9V1-V Datasheet(HTML) 6 Page - Vishay Siliconix

  BZX384B9V1-V Datasheet HTML 1Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 2Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 3Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 4Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 5Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 6Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 7Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 8Page - Vishay Siliconix BZX384B9V1-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 85764
Rev. 1.6, 17-May-06
BZX384-V-Series
Vishay Semiconductors
Figure 13. Temperature Dependence of Zener Voltage vs. Zener
Voltage
Figure 14. Change of Zener voltage from turn-on up to the point of
thermal equilibrium vs. Zener voltage
Figure 15. Change of Zener voltage from turn-on up to the point of
thermal equilibrium vs. Zener voltage
18195
Δ
100
80
60
40
20
0
mV/°C
Δ
V
Z
T
j
0
20
40
80
60
100 V
V
Z at IZ = 2 mA
I
Z = 5 mA
18196
Δ
1.6
1.2
0.8
0.4
0
- 0.4
V
V
Z
1.4
1
0.6
0.2
- 0.2
1
23
4
5
23
4
5
10
100 V
V
Z at IZ = 5 mA
I
Z = 5 mA
V
Z
27 V; I
Z = 2 mA
V
Z = rzth x IZ
Δ
18160
Δ
5
4
3
2
1
0
V
V
Z
0
20
40
60
80
100 V
V
Z at IZ = 5 mA
I
Z = 5 mA
I
Z = 2.5 mA
V
Z = rzth x IZ
Δ
Figure 16. Breakdown Characteristics
Figure 17. Breakdown Characteristics
Figure 18. Breakdown Characteristics
18111
T
j = 25 °C
5 mA
Test Current I
Z
1
23
4
5
67
8
9
0
10 V
V
Z
3.3
3.9
4.7
5.6
6.8
8.2
2.7
mA
50
40
30
20
10
0
l
z
18112
10
20
30
0
40 V
V
Z
mA
30
20
10
0
l
z
5 mA
Test Current I
Z
T
j = 25 °C
12
15
18
22
27
33
10
36
18191
mA
10
8
6
4
2
0
l
z
10
20
30
40
50
60
70
8090
0
100 V
V
Z
2 mA
Test Current I
Z
T
j = 25 °C
43
51
47
39


Similar Part No. - BZX384B9V1-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX384B9V1-V VISHAY-BZX384B9V1-V Datasheet
108Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
BZX384B9V1-V VISHAY-BZX384B9V1-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

Similar Description - BZX384B9V1-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com