Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP36140 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TSOP36140
Description  IR Receiver Modules for Remote Control Systems
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP36140 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TSOP36140 Datasheet HTML 5Page - Vishay Siliconix TSOP36140 Datasheet HTML 6Page - Vishay Siliconix TSOP36140 Datasheet HTML 7Page - Vishay Siliconix TSOP36140 Datasheet HTML 8Page - Vishay Siliconix TSOP36140 Datasheet HTML 9Page - Vishay Siliconix TSOP36140 Datasheet HTML 10Page - Vishay Siliconix TSOP36140 Datasheet HTML 11Page - Vishay Siliconix TSOP36140 Datasheet HTML 12Page - Vishay Siliconix TSOP36140 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 82191
www.vishay.com
Rev. 1.6, 20-Aug-08
197
TSOP361..
IR Receiver Modules for
Remote Control Systems
Vishay Semiconductors
REEL DIMENSIONS in millimeters
LEADER AND TRAILER Dimensions in millimeters
COVER TAPE PEEL STRENGTH
According to DIN EN 60286-3
0.1 to 1.3 N
300 ± 10 mm/min.
165° to 180° peel angle
LABEL
Standard bar code labels for finished goods
The standard bar code labels are product labels and used for
identification of goods. The finished goods are packed in final
packing area. The standard packing units are labeled with
standard bar code labels before transported as finished
goods to warehouses. The labels are on each packing unit
and contain Vishay Semiconductor GmbH specific data.
16734
Trailer
Leader
no devices
min.
200
min. 400
Start
End
devices
96 11818
no devices


Similar Part No. - TSOP36140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP36140 VISHAY-TSOP36140 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP36140 VISHAY-TSOP36140 Datasheet
647Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 14-Sep-17
More results

Similar Description - TSOP36140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com