Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP38236 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP38236
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP38236 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP38236 Datasheet HTML 1Page - Vishay Siliconix TSOP38236 Datasheet HTML 2Page - Vishay Siliconix TSOP38236 Datasheet HTML 3Page - Vishay Siliconix TSOP38236 Datasheet HTML 4Page - Vishay Siliconix TSOP38236 Datasheet HTML 5Page - Vishay Siliconix TSOP38236 Datasheet HTML 6Page - Vishay Siliconix TSOP38236 Datasheet HTML 7Page - Vishay Siliconix TSOP38236 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
Document Number: 81733
144
Rev. 1.2, 02-Jun-08
TSOP382.., TSOP384..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
SUITABLE DATA FORMAT
The TSOP382.., TSOP384.. series are designed to suppress
spurious output pulses due to noise or disturbance signals.
Data and disturbance signals can be distinguished by the
devices according to carrier frequency, burst length and
envelope duty cycle. The data signal should be close to the
band-pass center frequency (e.g. 38 kHz) and fulfill the
conditions in the table below.
When a data signal is applied to the TSOP382.., TSOP384..
in the presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses are
present at the output. Some examples of disturbance signals
which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated noise from fluorescent
lamps with electronic ballasts (see figure 15 or figure 16)
Fig. 15 - IR Signal from Fluorescent Lamp
with Low Modulation
Fig. 16 - IR Signal from Fluorescent Lamp
with High Modulation
Note
For data formats with short bursts please see the datasheet for TSOP381.., TSOP383..
010
15
20
Time (ms)
16920
IR Signal from Fluorescent
Lamp with Low Modulation
5
010
15
20
Time (ms)
16921
IR Signal from Fluorescent
Lamp with High Modulation
10
TSOP382..
TSOP384..
Minimum burst length
10 cycles/burst
10 cycles/burst
After each burst of length
a minimum gap time is required of
10 to 70 cycles
≥ 10 cycles
10 to 35 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 4 x burst length
35 cycles
> 10 x burst length
Maximum number of continuous short bursts/second
1800
1500
Compatible to NEC code
yes
yes
Compatible to RC5/RC6 code
yes
yes
Compatible to Sony code
yes
no
Compatible to Thomson 56 kHz code
yes
yes
Compatible to Mitsubishi code (38 kHz, preburst 8 ms, 16 bit)
yes
no
Compatible to Sharp code
yes
yes
Suppression of interference from fluorescent lamps
Most common disturbance
signals are suppressed
Even extreme disturbance
signals are suppressed


Similar Part No. - TSOP38236

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP382 VISHAY-TSOP382 Datasheet
145Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 08-Aug-07
TSOP382 VISHAY-TSOP382 Datasheet
202Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP382.. VISHAY-TSOP382.. Datasheet
202Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP382 VISHAY-TSOP382_V01 Datasheet
202Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
More results

Similar Description - TSOP38236

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com