Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSOP38230 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. TSOP38230
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP38230 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP38230 Datasheet HTML 1Page - Vishay Siliconix TSOP38230 Datasheet HTML 2Page - Vishay Siliconix TSOP38230 Datasheet HTML 3Page - Vishay Siliconix TSOP38230 Datasheet HTML 4Page - Vishay Siliconix TSOP38230 Datasheet HTML 5Page - Vishay Siliconix TSOP38230 Datasheet HTML 6Page - Vishay Siliconix TSOP38230 Datasheet HTML 7Page - Vishay Siliconix TSOP38230 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IR Receiver Modules for Remote Control Systems
www.vishay.com
Document Number: 81733
140
Rev. 1.2, 02-Jun-08
TSOP382.., TSOP384..
Vishay Semiconductors
MECHANICAL DATA
Pinning:
1 = OUT, 2 = GND, 3 = VS
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
DESCRIPTION
The
TSOP382..,
TSOP384..
series
are
miniaturized
receivers for infrared remote control systems. A PIN diode
and a preamplifier are assembled on a lead frame, the epoxy
package acts as an IR filter.
The demodulated output signal can be directly decoded by a
microprocessor. The TSOP382.. is compatible with all
common IR remote control data formats. The TSOP384.. is
optimized to suppress almost all spurious pulses from
energy saving fluorescent lamps but will also suppress some
data signals.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
19026
e3
PARTS TABLE
CARRIER FREQUENCY
STANDARD APPLICATIONS (AGC2/AGC8)
VERY NOISY ENVIRONMENTS (AGC4)
30 kHz
TSOP38230
TSOP38430
33 kHz
TSOP38233
TSOP38433
36 kHz
TSOP38236
TSOP38436
38 kHz
TSOP38238
TSOP38438
40 kHz
TSOP38240
TSOP38440
56 kHz
TSOP38256
TSOP38456
30 k
Ω
2
3
1
V
S
OUT
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn