Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TSOP38230 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. TSOP38230
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TSOP38230 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
Document Number: 81733
144
Rev. 1.2, 02-Jun-08
TSOP382.., TSOP384..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
SUITABLE DATA FORMAT
The TSOP382.., TSOP384.. series are designed to suppress
spurious output pulses due to noise or disturbance signals.
Data and disturbance signals can be distinguished by the
devices according to carrier frequency, burst length and
envelope duty cycle. The data signal should be close to the
band-pass center frequency (e.g. 38 kHz) and fulfill the
conditions in the table below.
When a data signal is applied to the TSOP382.., TSOP384..
in the presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses are
present at the output. Some examples of disturbance signals
which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated noise from fluorescent
lamps with electronic ballasts (see figure 15 or figure 16)
Fig. 15 - IR Signal from Fluorescent Lamp
with Low Modulation
Fig. 16 - IR Signal from Fluorescent Lamp
with High Modulation
Note
For data formats with short bursts please see the datasheet for TSOP381.., TSOP383..
010
15
20
Time (ms)
16920
IR Signal from Fluorescent
Lamp with Low Modulation
5
010
15
20
Time (ms)
16921
IR Signal from Fluorescent
Lamp with High Modulation
10
TSOP382..
TSOP384..
Minimum burst length
10 cycles/burst
10 cycles/burst
After each burst of length
a minimum gap time is required of
10 to 70 cycles
≥ 10 cycles
10 to 35 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 4 x burst length
35 cycles
> 10 x burst length
Maximum number of continuous short bursts/second
1800
1500
Compatible to NEC code
yes
yes
Compatible to RC5/RC6 code
yes
yes
Compatible to Sony code
yes
no
Compatible to Thomson 56 kHz code
yes
yes
Compatible to Mitsubishi code (38 kHz, preburst 8 ms, 16 bit)
yes
no
Compatible to Sharp code
yes
yes
Suppression of interference from fluorescent lamps
Most common disturbance
signals are suppressed
Even extreme disturbance
signals are suppressed


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn