Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX584C47-02V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZX584C47-02V
Description  Small Signal Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX584C47-02V Datasheet(HTML) 1 Page - Vishay Siliconix

  BZX584C47-02V Datasheet HTML 1Page - Vishay Siliconix BZX584C47-02V Datasheet HTML 2Page - Vishay Siliconix BZX584C47-02V Datasheet HTML 3Page - Vishay Siliconix BZX584C47-02V Datasheet HTML 4Page - Vishay Siliconix BZX584C47-02V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZX584C-02V Series
Document Number 85793
Rev. 1.5, 27-Aug-07
Vishay Semiconductors
www.vishay.com
1
18426
1
2
1
2
Small Signal Zener Diodes
Features
• With the BZX584C..-02V series vishay
offers a Z-Diode in the
tiny SOD523
plastic package. Made for space sensitive
applications the BZX584C..-02V series
has a zener voltage tolerance of ± 5 %.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD523 Plastic case
Weight: approx. 1.6 mg
Packaging Codes/Options:
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note:
1) Device on fiberglass substrate
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Device on fiberglass substrate
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
Ptot
200 1)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
680 1)
K/W
Thermal resistance junction to soldering
point
RthJS
100
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
e3


Similar Part No. - BZX584C47-02V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX584C47-V-G VISHAY-BZX584C47-V-G Datasheet
64Kb / 4P
   Small Signal Zener Diodes
Rev. 1.0, 14-Oct-10
BZX584C47-V-G VISHAY-BZX584C47-V-G Datasheet
84Kb / 4P
   Small Signal Zener Diodes
Rev. 1.2, 19-Dec-13
More results

Similar Description - BZX584C47-02V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com