Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5858DU-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI5858DU-T1-GE3
Description  N-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5858DU-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI5858DU-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5858DU-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 73460
S-81449-Rev. B, 23-Jun-08
Vishay Siliconix
Si5858DU
MOSFET TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS = 1 V
VGS = 1.5 V
VGS = 2.5 V
VGS = 2 V
VGS = 3 V thru 5 V
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
04
8
12
16
20
VGS = 2.5 V
ID - Drain Current (A)
VGS = 4.5 V
VGS = 1.8 V
0
2
4
6
8
0369
12
ID = 4.4 A
Qg - Total Gate Charge (nC)
VDS = 10 V
VDS = 16 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
0
200
400
600
800
04
8
12
16
20
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 4.4 A
TJ - Junction Temperature (°C)


Similar Part No. - SI5858DU-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5853CDC VISHAY-SI5853CDC Datasheet
136Kb / 10P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. B, 08-Mar-10
SI5853DC VISHAY-SI5853DC Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1 VISHAY-SI5853DC-T1 Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
SI5853DDC VISHAY-SI5853DDC Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 27-Oct-08
More results

Similar Description - SI5858DU-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SIA810DJ VISHAY-SIA810DJ Datasheet
133Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 03-Mar-08
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SIB800EDK VISHAY-SIB800EDK Datasheet
244Kb / 11P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 22-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com