Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FCSP240LTR Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. FCSP240LTR
Description  Chip Scale Package Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

FCSP240LTR Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94498
2
Revision: 27-Mar-08
FCSP240LTR
Vishay High Power Products
FlipKY®, 1.5 A
Chip Scale Package
Schottky Barrier Rectifier
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
Notes
(1)
thermal runaway condition for a diode on its own heatsink
(2) Mounted 1" square PCB
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TPCB = 97 °C, rectangular waveform
1.5
A
Maximum peak one cycle
non-repetitive surge current at 25 °C
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
250
10 ms sine or 6 ms rect. pulse
21
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2.0 A, L = 5.0 mH
10
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2.0
A
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
1.5 A
TJ = 25 °C
0.45
0.49
V
3 A
0.55
0.60
1.5 A
TJ = 125 °C
0.37
0.42
3 A
0.51
0.57
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
15
80
µA
VR = 20 V
3.5
20
VR = 10 V
2
10
VR = 5 V
1.5
5
TJ = 125 °C
VR = Rated VR
920
mA
VR = 20 V
3.5
8
VR = 10 V
2.5
6
VR = 5 V
2
5
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
-
160
pF
Maximum voltage rate of charge
dV/dt
Rated VR
-
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 55 to 150
°C
Typical thermal resistance,
junction to PCB
RthJL (2)
DC operation
40
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
62
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn