Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV32-200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV32-200
Description  Dual Common-Cathode Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV32-200 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV32-200 Datasheet HTML 1Page - Vishay Siliconix BYV32-200 Datasheet HTML 2Page - Vishay Siliconix BYV32-200 Datasheet HTML 3Page - Vishay Siliconix BYV32-200 Datasheet HTML 4Page - Vishay Siliconix BYV32-200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYV(F,B)32-50 thru BYV(F,B)32-200
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88558
Revision: 05-May-08
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYV32-50
BYV32-100
BYV32-150
BYV32-200
UNIT
Maximum instantaneous
forward voltage per diode (1)
IF = 20 A
IF = 5.0 A
TJ = 25 °C
TJ = 100 °C
VF
1.15
0.85
V
Maximum DC reverse
current per diode at rated
DC blocking voltage
TJ = 25 °C
TJ = 100 °C
IR
10
600
µA
Maximum reverse
recovery time per diode
IF = 1 A, VR = 30 V,
dI/dt = 100 A/µs, Irr = 10 % IRM
trr
25
ns
Typical junction
capacitance per diode
4.0 V, 1 MHz
CJ
45
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYV
BYVF
BYVB
UNIT
Typical thermal resistance from junction to case per diode
RθJC
1.6
5.0
1.6
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
BYV32-200-E3/45
1.85
45
50/tube
Tube
ITO-220AB
BYVF32-200-E3/45
1.97
45
50/tube
Tube
TO-263AB
BYVB32-200-E3/45
1.35
45
50/tube
Tube
TO-263AB
BYVB32-200-E3/81
1.35
81
800/reel
Tape and reel
TO-220AB
BYV32-200HE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
BYVF32-200HE3/45 (1)
1.97
45
50/tube
Tube
TO-263AB
BYVB32-200HE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
BYVB32-200HE3/81 (1)
1.35
81
800/reel
Tape and reel


Similar Part No. - BYV32-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32-200 PHILIPS-BYV32-200 Datasheet
34Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
General Semiconductor
BYV32-200 GE-BYV32-200 Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
ON Semiconductor
BYV32-200 ONSEMI-BYV32-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
BYV32-200 ISC-BYV32-200 Datasheet
236Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
BYV32-200-E3 VISHAY-BYV32-200-E3 Datasheet
151Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 23-Feb-16
More results

Similar Description - BYV32-200

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 13-May-08
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
01-Jan-2022
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 02-Sep-13
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Oct-13
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com