Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5513CDC-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5513CDC-T1-E3
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5513CDC-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5513CDC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI5513CDC-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 68806
S-82490-Rev. B, 13-Oct-08
Vishay Siliconix
Si5513CDC
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
20
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 20
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
N-Ch
23.7
mV/°C
ID = - 250 µA
P-Ch
- 19.5
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
N-Ch
- 3.5
ID = - 250 µA
P-Ch
2.8
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
N-Ch
100
nA
P-Ch
- 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
µA
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
10
A
VDS ≤ - 5 V, VGS = - 4.5 V
P-Ch
- 8
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 4.4 A
N-Ch
0.045
0.055
Ω
VGS = - 4.5 V, ID = - 2.4 A
P-Ch
0.120
0.150
VGS = 2.5 V, ID = 3.6 A
N-Ch
0.065
0.085
VGS = - 2.5 V, ID = - 1.9 A
P-Ch
0.204
0.255
Forward Transconductanceb
gfs
VDS = 10 V, ID = 4.4 A
N-Ch
12
S
VDS = - 10 V, ID = - 2.4 A
P-Ch
5
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 10 V, VGS = 0 V, f = 1 MHz
N-Ch
285
pF
P-Ch
252
Output Capacitance
Coss
N-Ch
65
P-Ch
62
Reverse Transfer Capacitance
Crss
N-Ch
30
P-Ch
45
Total Gate Charge
Qg
VDS = 10 V, VGS = 5 V, ID = 4.4 A
N-Ch
2.8
4.2
nC
VDS = - 10 V, VGS = - 5 V, ID = - 2.4 A
P-Ch
3.9
5.6
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 4.4 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 2.4 A
N-Ch
2.6
3.9
P-Ch
3.6
5.4
Gate-Source Charge
Qgs
N-Ch
0.7
P-Ch
0.6
Gate-Drain Charge
Qgd
N-Ch
0.5
P-Ch
1.2
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.6
3
6
Ω
P-Ch
1.3
6.5
13


Similar Part No. - SI5513CDC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5513CDC-T1-E3 VISHAY-SI5513CDC-T1-E3 Datasheet
274Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Mar-10
More results

Similar Description - SI5513CDC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com