Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY75A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY75A
Description  Optocoupler, Phototransistor Output,with Base Connection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY75A Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY75A Datasheet HTML 1Page - Vishay Siliconix CNY75A Datasheet HTML 2Page - Vishay Siliconix CNY75A Datasheet HTML 3Page - Vishay Siliconix CNY75A Datasheet HTML 4Page - Vishay Siliconix CNY75A Datasheet HTML 5Page - Vishay Siliconix CNY75A Datasheet HTML 6Page - Vishay Siliconix CNY75A Datasheet HTML 7Page - Vishay Siliconix CNY75A Datasheet HTML 8Page - Vishay Siliconix CNY75A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83536
256
Rev. 1.7, 08-May-08
CNY75A/B/C/GA/GB/GC
Vishay Semiconductors
Optocoupler, Phototransistor Output,
with Base Connection
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
OUTPUT
Collector base voltage
IC = 100 µA
VCBO
90
V
Collector emitter voltage
IC = 1 mA
VCEO
90
V
Emitter collector voltage
IE = 100 µA
VECO
7V
Collector emitter leakage current
VCE = 20 V, IF = 0 A
ICEO
150
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 1 mA
CNY75GA
CTR
15
%
CNY75GB
CTR
30
%
CNY75GC
CTR
60
%
VCE = 5 V, IF = 10 mA
CNY75GA
CTR
63
125
%
CNY75GB
CTR
100
200
%
CNY75GC
CTR
160
320
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Current time
VCC = 5 V, RL = 100 Ω
(see figure 3)
CNY75GA
IF
10
mA
CNY75GB
IF
10
mA
CNY75GC
IF
10
mA
Delay time
VCC = 5 V, RL = 100 Ω
(see figure 3)
CNY75GA
td
2µs
CNY75GB
td
2.5
µs
CNY75GC
td
2.8
µs
Rise time
VCC = 5 V, RL = 100 Ω
(see figure 3)
CNY75GA
tr
2.5
µs
CNY75GB
tr
3µs
CNY75GC
tr
4.2
µs
Fall time
VCC = 5 V, RL = 100 Ω
(see figure 3)
CNY75GA
tf
2.7
µs
CNY75GB
tf
3.7
µs
CNY75GC
tf
4.7
µs
Storage time
VCC = 5 V, RL = 100 Ω
(see figure 3)
CNY75GA
ts
0.3
µs
CNY75GB
ts
0.3
µs
CNY75GC
ts
0.3
µs
Turn-on time
VCC = 5 V, RL = 100 Ω
(see figure 3)
CNY75GA
ton
4.5
µs
CNY75GB
ton
5.5
µs
CNY75GC
ton
7µs
Turn-off time
VCC = 5 V, RL = 100 Ω
(see figure 3)
CNY75GA
toff
3µs
CNY75GB
toff
4µs
CNY75GC
toff
5µs
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - CNY75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75A VISHAY-CNY75A Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
logo
List of Unclassifed Man...
CNY75A ETC-CNY75A Datasheet
50Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
CNY75A VISHAY-CNY75A Datasheet
210Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
logo
ISOCOM COMPONENTS
CNY75A ISOCOM-CNY75A Datasheet
166Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
CNY75AX ETC-CNY75AX Datasheet
50Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - CNY75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com