Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY64A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY64A
Description  Optocoupler, Phototransistor Output,Very High Isolation Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64A Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY64A Datasheet HTML 1Page - Vishay Siliconix CNY64A Datasheet HTML 2Page - Vishay Siliconix CNY64A Datasheet HTML 3Page - Vishay Siliconix CNY64A Datasheet HTML 4Page - Vishay Siliconix CNY64A Datasheet HTML 5Page - Vishay Siliconix CNY64A Datasheet HTML 6Page - Vishay Siliconix CNY64A Datasheet HTML 7Page - Vishay Siliconix CNY64A Datasheet HTML 8Page - Vishay Siliconix CNY64A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83540
238
Rev. 1.7, 20-Oct-08
CNY64, CNY65, CNY66
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Very High Isolation Voltage
Note
According to DIN EN 60747-5-5 (see figure 1). This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-5/DIN EN 60747-; IEC 60747
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
120
mA
OUTPUT
Power dissipation
Pdiss
250
mW
COUPLER
Rated impulse voltage
VIOTM
10
kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
2.8
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
Vpd
2.2
kV
Insulation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω
0
25
50
75
100
125
150
175
200
225
250
0
25
50
75 100 125 150 175 200
Tamb (°C)
95 10922
P
si (mW)
I
si(mA)
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 5 mA, RL = 100 Ω, (see figure 3)
td
2.6
µs
Rise time
VS = 5 V, IC = 5 mA, RL = 100 Ω, (see figure 3)
tr
2.4
µs
Fall time
VS = 5 V, IC = 5 mA, RL = 100 Ω, (see figure 3)
tf
2.7
µs
Storage time
VS = 5 V, IC = 5 mA, RL = 100 Ω, (see figure 3)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 5 mA, RL = 100 Ω, (see figure 3)
ton
5.0
µs
Turn-off time
VS = 5 V, IC = 5 mA, RL = 100 Ω, (see figure 3)
toff
3.0
µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ, (see figure 4)
ton
25.0
µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ, (see figure 4)
toff
42.5
µs


Similar Part No. - CNY64A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64A VISHAY-CNY64A Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CNY64A VISHAY-CNY64A Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
logo
Everlight Electronics C...
CNY64A EVERLIGHT-CNY64A Datasheet
430Kb / 11P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
logo
Vishay Siliconix
CNY64A VISHAY-CNY64A Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64ABST VISHAY-CNY64ABST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
More results

Similar Description - CNY64A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com