Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

300190Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 300190Z
Description  Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

300190Z Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2R, 3R, 4R (Z-Foil Technology)
Vishay Foil Resistors
Ultra High Precision Z-Foil Voltage Divider and
Network Resistor with TCR Tracking to 0.1 ppm/°C
and Resistance Match to ± 0.005% (50 ppm)
www.vishay.com
For technical questions, contact: foil@vishay.com
Document Number: 63114
3
Revision: 08-Aug-06
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
FIGURE 4 - VISHAY MODEL 300198 NETWORK
FIGURE 5 - MOLDED 2R, 3R, 4R RESISTOR NETWORK DIMENSIONS AND CIRCUIT DESIGN in inches (millimeters)
R1
R4
R2
R3
A
E1
E2
E3
APPLICATION EXAMPLE
23
5
R2
R3
1
R1
4
23
4
R2
R3
1
R1
23
R2
1
R1
12
4
R1
R2
3
1
0.160 Max
(4.06)
23
0.413
(10.49)
Max
0.150
(3.81)
0.250
(6.35)
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.575 (14.605) Max
0.160 Max
(4.06)
0.413
(10.49)
Max
1
24
0.150
(3.81)
3
0.150
(3.81)
0.100
(2.54)
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.575 (14.605) Max
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.820 (20.828) Max
1
0.160 Max
(4.06)
24
0.413
(10.490)
Max
0.150
(3.81)
3
0.250
(6.35)
0.250
(6.35)
0.160 Max
(4.06)
0.413
(10.490)
Max
1
25
0.150
(3.81)
3
0.150
(3.81)
0.250
(6.35)
4
0.100
(2.54)
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.820 (20.828) Max
MODEL 300190Z (with Z-Foil Technology)
MODEL 300191Z (with Z-Foil Technology)
MODEL 300192Z (with Z-Foil Technology)
MODEL 300193Z (with Z-Foil Technology)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VFB1012DUltra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking 1 2 3 4 5 Vishay Siliconix
300144_07High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % 50 ppm 1 2 3 4 5 Vishay Siliconix
VCS232Z_08Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C PCR of 5ppm at Rated Power and Tolerance of ±0.02% 1 2 3 4 Vishay Siliconix
VPR220ZUltra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C Tolerance to ± 0.01 % and Power Rating to 8 W 1 2 3 4 Vishay Siliconix
VARUltra High Precision High Resolution Z-Foil Audio Resistor with TCR of ± 0.2 ppm/°C Tolerance to ± 0.01 % and Noise < - 40 dB 1 2 3 4 Vishay Siliconix
VFCPUltra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power 1 2 3 4 5 Vishay Siliconix
Z202Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 % 1 2 3 4 Vishay Siliconix
VHD200Bulk Metal® Foil Hermetically sealed Small Package Voltage Dividers with TCR Tracking of 0.1 ppm/°C and Tolerance Match down to 0.001 % 1 2 3 4 5 Vaishali Semiconductor
Z201_07Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power Tolerance of ± 0.005 % 1 2 3 4 5 Vishay Siliconix
VCS1625ZUltra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn