Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSOP2230 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TSOP2230
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TSOP2230 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
Document Number: 82095
88
Rev. 2.0, 18-Jul-08
New TSOP22..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
Fig. 9 - Max. Envelope Duty Cycle vs. Burst Length
Fig. 10 - Sensitivity vs. Ambient Temperature
Fig. 11 - Relative Spectral Sensitivity vs. Wavelength
Fig. 12 - Horizontal Directivity
Fig. 13 - Sensitivity vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100
120
Burst Length (number of cycles/burst)
21396_2
140
E
e = 2 mW/m²
T
amb - Ambient Temperature (°C)
21397_1
0
0.05
0.1
0.15
0.2
0.25
0.3
- 30
- 10
10
30
50
70
90
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength (nm)
16919
96 12223p2
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
d
rel - Relative Transmission Distance
0
0.05
0.1
0.15
0.2
0.25
0.4
1.5
2.5
3.5
4.5
5.5
V
S - Supply Voltage (V)
21398_1
0.3
0.35


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn