Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17G-1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY17G-1
Description  Optocoupler, Phototransistor Output,with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17G-1 Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY17G-1 Datasheet HTML 1Page - Vishay Siliconix CNY17G-1 Datasheet HTML 2Page - Vishay Siliconix CNY17G-1 Datasheet HTML 3Page - Vishay Siliconix CNY17G-1 Datasheet HTML 4Page - Vishay Siliconix CNY17G-1 Datasheet HTML 5Page - Vishay Siliconix CNY17G-1 Datasheet HTML 6Page - Vishay Siliconix CNY17G-1 Datasheet HTML 7Page - Vishay Siliconix CNY17G-1 Datasheet HTML 8Page - Vishay Siliconix CNY17G-1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83886
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.4, 08-May-08
231
CNY17G
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
Note
According to DIN EN 60747-5-5 (see figure 1). This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-5/DIN EN 60747-; IEC60747
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 10 mA
CNY17G-1
CTR
40
80
%
CNY17G-2
CTR
63
125
%
CNY17G-3
CTR
100
200
%
CNY17G-4
CTR
160
320
%
VCE = 5 V, IF = 1 mA
CNY17G-1
CTR
13
%
CNY17G-2
CTR
22
%
CNY17G-3
CTR
34
%
CNY17G-2
CTR
56
200
%
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
130
mA
OUTPUT
Power dissipation
Pdiss
265
mW
COUPLER
Rated impulse voltage
VIOTM
6kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
6kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω
0
25
50
75
125
0
50
100
150
200
300
Tsi - Safety Temperature (°C)
150
94 9182
100
250
Phototransistor
Psi (mW)
IR-Diode
Isi (mA)
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Similar Part No. - CNY17G-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17G-1 VISHAY-CNY17G-1 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results

Similar Description - CNY17G-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com