Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-2X007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNY17F-2X007
Description  Optocoupler, Phototransistor Output,no Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-2X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY17F-2X007 Datasheet HTML 1Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 2Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 3Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 4Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 5Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 6Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 7Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 8Page - Vishay Siliconix CNY17F-2X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 83607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
221
Optocoupler, Phototransistor Output,
no Base Connection
CNY17F
Vishay Semiconductors
DESCRIPTION
The CNY17F is an optocoupler consisting of a gallium
arsenide infrared emitting diode optically coupled to a silicon
planar phototransistor detector in a plastic plug-in DIP-6
package.
The coupling device is suitable for signal transmission
between two electrically separated circuits. The potential
difference between the circuits to be coupled is not allowed
to exceed the maximum permissible reference voltages.
In contrast to the CNY17 series, the base terminal of the
F type is not conected, resulting in a substantially improved
common-mode interference immunity.
FEATURES
• Isolation test voltage, 5300 VRMS
• No base terminal connection for improved
common mode interface immunity
• Long term stability
• Industry standard dual-in-line package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 available with option 1
• BSI IEC 60950; IEC 60065
•FIMKO
Note
For additional information on the available options refer to option information.
1
2
3
6
5
4
NC
C
E
A
C
NC
18216
ORDER INFORMATION
PART
REMARKS
CNY17F-1
CTR 40 to 80 %, DIP-6
CNY17F-2
CTR 63 to 125 %, DIP-6
CNY17F-3
CTR 100 to 200 %, DIP-6
CNY17F-4
CTR 160 to 320 %, DIP-6
CNY17F-1X006
CTR 40 to 80 %, DIP-6 400 mil (option 6)
CNY17F-1X007
CTR 40 to 80 %, SMD-6 (option 7)
CNY17F-1X009
CTR 40 to 80 %, SMD-6 (option 9)
CNY17F-2X006
CTR 63 to 125 %, DIP-6 400 mil (option 6)
CNY17F-2X007
CTR 63 to 125 %, SMD-6 (option 7)
CNY17F-2X009
CTR 63 to 125 %, SMD-6 (option 9)
CNY17F-3X006
CTR 100 to 200 %, DIP-6 400 mil (option 6)
CNY17F-3X007
CTR 100 to 200 %, SMD-6 (option 7)
CNY17F-3X009
CTR 100 to 200 %, SMD-6 (option 9)
CNY17F-4X006
CTR 160 to 320 %, DIP-6 400 mil (option 6)
CNY17F-4X007
CTR 160 to 320 %, SMD-6 (option 7)
CNY17F-4X009
CTR 160 to 320 %, SMD-6 (option 9)


Similar Part No. - CNY17F-2X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-2X007 VISHAY-CNY17F-2X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-2X007T VISHAY-CNY17F-2X007T Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
CNY17F-2X007T VISHAY-CNY17F-2X007T Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-2X007T VISHAY-CNY17F-2X007T Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-2X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com