Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CNY17F-2
Description  Optocoupler, Phototransistor Output,no Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button CNY17F-2 Datasheet HTML 2Page - Vishay Siliconix CNY17F-2 Datasheet HTML 3Page - Vishay Siliconix CNY17F-2 Datasheet HTML 4Page - Vishay Siliconix CNY17F-2 Datasheet HTML 5Page - Vishay Siliconix CNY17F-2 Datasheet HTML 6Page - Vishay Siliconix CNY17F-2 Datasheet HTML 7Page - Vishay Siliconix CNY17F-2 Datasheet HTML 8Page - Vishay Siliconix CNY17F-2 Datasheet HTML 9Page - Vishay Siliconix CNY17F-2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 83607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
227
CNY17F
Optocoupler, Phototransistor Output,
no Base Connection
Vishay Semiconductors
Fig. 15 - Saturation Voltage vs.
Collector Current and Modulation Depth CNY17F-4
Fig. 16 - Permissible Pulse Load
Fig. 17 - Permissible Power Dissipation for Transistor and Diode
Fig. 18 - Permissible Forward Current Diode
Fig. 19 - Transistor Capacitance
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1
10
100
I
C (mA)
icny17f_15
I
F = 2 x IC
I
F = 3 x IC
I
F = IC
V
CEsat = f (IC) (TA = 25 °C)
101
102
103
104
10-5
10-4
10-3
10-2
10-1
100
101
t
p (s)
icny17f_16
T
T
D =
D = 0
0.005
0.01
0.02
D = parameter,
T
A = 25 °C, IF = f(tp)
t
p
I
F
0.05
0.1
0.2
0.5
DC
t
p
0
50
100
150
200
0
50
100
75
25
T
A (°C)
icny17f_17
P
tot = f (TA)
Transistor
Diode
0
30
60
90
120
0
50
100
75
25
T
A (°C)
icny17f_18
I
F = f (TA)
0
5
10
15
20
10-2
10-1
100
101
102
V
e (V)
icny17f_19
C = f (V
O) (TA = 25 °C, f = 1.0 MHz)
C
CE


Similar Part No. - CNY17F-2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-2 QT-CNY17F-2 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
CNY17F-2 ETC1-CNY17F-2 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-2 FAIRCHILD-CNY17F-2 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
CT Micro International ...
CNY17F-2 CTMICRO-CNY17F-2 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
CNY17F-2 FAIRCHILD-CNY17F-2 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results

Similar Description - CNY17F-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com