Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY17F
Description  Optocoupler, Phototransistor Output,no Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY17F_08 Datasheet HTML 1Page - Vishay Siliconix CNY17F_08 Datasheet HTML 2Page - Vishay Siliconix CNY17F_08 Datasheet HTML 3Page - Vishay Siliconix CNY17F_08 Datasheet HTML 4Page - Vishay Siliconix CNY17F_08 Datasheet HTML 5Page - Vishay Siliconix CNY17F_08 Datasheet HTML 6Page - Vishay Siliconix CNY17F_08 Datasheet HTML 7Page - Vishay Siliconix CNY17F_08 Datasheet HTML 8Page - Vishay Siliconix CNY17F_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 83607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
223
CNY17F
Optocoupler, Phototransistor Output,
no Base Connection
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Note
Current transfer ratio IC/IF at VCE = 5.0 V, 25 °C and collector emitter leakage current by dash number.
COUPLER
Collector emitter, saturation voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.6
pF
Collector emitter, leakage current
VCE = 10 V
CNY17F-1
ICEO
2.0
50
nA
CNY17F-2
ICEO
2.0
50
nA
CNY17F-3
ICEO
5.0
100
nA
CNY17F-4
ICEO
5.0
100
nA
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA
CNY17F-1
CTR
40
80
%
CNY17F-2
CTR
63
125
%
CNY17F-3
CTR
100
200
%
CNY17F-4
CTR
160
320
%
IF = 1.0 mA
CNY17F-1
CTR
13
30
%
CNY17F-2
CTR
22
45
%
CNY17F-3
CTR
34
70
%
CNY17F-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
LINEAR OPERATION (WITHOUT SATURATION)
Turn-on time
IF = 10 mA, VCC = 5.0 V,
RL = 75 Ω
ton
3.0
µs
Rise time
IF = 10 mA, VCC = 5.0 V,
RL = 75 Ω
tr
2.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V,
RL = 75 Ω
toff
2.3
µs
Fall time
IF = 10 mA, VCC = 5.0 V,
RL = 75 Ω
tf
2.0
µs
Cut-off frequency
IF = 10 mA, VCC = 5.0 V,
RL = 75 Ω
fCO
250
kHz
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - CNY17F_08

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
CNY17F-1 ETC1-CNY17F-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
CT Micro International ...
CNY17F-1 CTMICRO-CNY17F-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results

Similar Description - CNY17F_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com