Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3867DV-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3867DV-T1
Description  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3867DV-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3867DV-T1 Datasheet HTML 1Page - Vishay Siliconix SI3867DV-T1 Datasheet HTML 2Page - Vishay Siliconix SI3867DV-T1 Datasheet HTML 3Page - Vishay Siliconix SI3867DV-T1 Datasheet HTML 4Page - Vishay Siliconix SI3867DV-T1 Datasheet HTML 5Page - Vishay Siliconix SI3867DV-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si3867DV
Document Number: 72068
S-60422-Rev. C, 20-Mar-06
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
PWM Optimized
APPLICATIONS
DC/DC
- HDD
- Power Supplies
Portable Devices Such As Cell Phones, PDA,
DSC, and DVC
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
- 20
0.051 at VGS = - 4.5 V
- 5.1
0.067 at VGS = - 3.3 V
- 4.5
0.100 at VGS = - 2.5 V
- 3.7
TSOP-6
Top View
2.85 mm
3 mm
Ordering Information: Si3867DV-T1
Si3867DV-T1-E3 (Lead (Pb)-free)
6
4
1
2
3
5
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 Board.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 5.1
- 3.9
A
TA = 85 °C
- 3.7
- 2.8
Pulsed Drain Current
IDM
- 20
Continuous Diode Current (Diode Conduction)a
IS
- 1.7
- 0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2.0
1.1
W
TA = 85 °C
1.0
0.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 sec
RthJA
45
62.5
°C/W
Steady State
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - SI3867DV-T1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3867DV-T1-GE3 VBSEMI-SI3867DV-T1-GE3 Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3867DV-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com