Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7560 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7560
Description  4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7560 Datasheet HTML 2Page - STMicroelectronics TDA7560 Datasheet HTML 3Page - STMicroelectronics TDA7560 Datasheet HTML 4Page - STMicroelectronics TDA7560 Datasheet HTML 5Page - STMicroelectronics TDA7560 Datasheet HTML 6Page - STMicroelectronics TDA7560 Datasheet HTML 7Page - STMicroelectronics TDA7560 Datasheet HTML 8Page - STMicroelectronics TDA7560 Datasheet HTML 9Page - STMicroelectronics TDA7560 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
10
100
1000
10000
f(Hz)
20
30
40
50
60
70
80
90
CROSSTALK(dB)
Po= 4 W
RL= 4 Ohm
Rg= 600 Ohm
Figure 10. Crosstalk vs. frequency.
10
100
1000
10000
f(Hz)
20
30
40
50
60
70
80
90
100
SVR(dB)
Vripple= 1 Vrms
Rg= 600 Ohm
Figure 11. Supply voltage rejection vs. fre-
quency.
56
78
9
10
Vs (V)
0
-20
-40
-60
-80
-100
OUT ATTN (dB)
RL= 4 Ohm
Po= 4 W ref.
Figure 12. Output attenuation vs. supply
voltage.
1
10
100
1000
10000
100000
Rg (Ohm)
20
30
40
50
60
70
80
90
100
110
120
130
En (uV)
Vs= 14.4V
RL= 4 Ohm
”A” wgtd
22-22KHz lin.
Figure 13. Output noise vs. source resistance.
02468 10 12 14 16 18 20 22 24 26 28 30
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n(%)
Vs=13.2V
RL=4 x 4 Ohm
f= 1 KHz SINE
n
Ptot
Figure 14. Power dissipation & efficiency vs.
output power (sine-wave operation)
10
100
1000
10000
f(Hz)
0.001
0.01
0.1
1
10
THD(%)
Po= 8 W
RL= 2 Ohm
Vs =14.4 V
Figure 9. Distortion vs. frequency.
TDA7560
7/10


Similar Part No. - TDA7560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
TDA7560H STMICROELECTRONICS-TDA7560H Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
   4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results

Similar Description - TDA7560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
   4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com