Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3805DV-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3805DV-T1-E3
Description  P-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3805DV-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3805DV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI3805DV-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si3805DV
New Product
Document Number: 68912
S-82297-Rev. A, 22-Sep-08
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
- 20
0.084 at VGS = - 10 V
- 3.3
4 nC
0.108 at VGS = - 4.5 V
- 2.9
0.175 at VGS = - 2.5 V
- 2.3
SCHOTTKY PRODUCT SUMMARY
VKA (V)
Vf (V)
Diode Forward Voltage
IF (A)
a
20
0.5 at 1 A
2
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage (MOSFET)
VDS
- 20
V
Reverse Voltage (Schottky)
VKA
20
Gate-Source Voltage (MOSFET)
VGS
± 12
Continuous Drain Current (TJ = 150 °C) (MOSFET)
TC = 25 °C
ID
- 3.3
A
TC = 70 °C
- 2.7
TA = 25 °C
- 3.0b, c
TA = 70 °C
- 2.4b, c
Pulsed Drain Current (MOSFET)
IDM
- 15
Continuous Source-Drain Diode Current
(MOSFET Diode Conduction)
TC = 25 °C
IS
- 1.2
TA = 25 °C
- 0.9b, c
Average Forward Current (Schottky)
IF
2b
Pulsed Forward Current (Schottky)
IFM
5
Maximum Power Dissipation (MOSFET)
TC = 25 °C
PD
1.4
W
TC = 70 °C
0.9
TA = 25 °C
1.1b, c
TA = 70 °C
0.7b, c
Maximum Power Dissipation (Schottky)
TC = 25 °C
1.4
TC = 70 °C
0.9
TA = 25 °C
1.1b, c
TA = 70 °C
0.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Marking Code
II
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si3805DV-T1-E3 (Lead (Pb)-free)
TSOP-6
Top View
6
4
1
2
3
5
3 mm
2.85 mm
A
S
K
N/C
D
G
A
K
S
G
D
P-Channel MOSFET
RoHS
COMPLIANT
FEATURES
LITTLE FOOT® Plus Schottky Power MOSFET
APPLICATIONS
HDD
- DC-DC Converter


Similar Part No. - SI3805DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3805DV-T1-GE3 VBSEMI-SI3805DV-T1-GE3 Datasheet
568Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - SI3805DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. C, 23-Jun-08
SI4823DY VISHAY-SI4823DY Datasheet
287Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. C, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com